Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KPA Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # 15KPA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

15KPA Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  15KPA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 15KPA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 15KPA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 15KPA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
MECHANICAL DATA
DEVICES FOR BIPOLAR APPLICATION
Plastic package.
Glass passivated junction.
15
,000W Peak Pulse Power capability on 10/1000μs waveform.
Excellent clamping capability.
Repetition rate (duty cycle): 0.05%
.
Low incremental surge resistance.
Fast response time: typically less than 1.0ps from 0
volt to BV,
Bidirectional less than 10ns.
High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs, (2.3kg) tension.
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25
per Fig. 2.
2. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minute maximum.
RATING
SYMBOL
VALUE
UNIT
Peak Pulse Power Dissipation on 10/1000 s waveform
. (Note 1 Fig. 1)
PPPM
Minimum 15,000
Watts
Peak Pulse Current on 10/1000 s waveform. (Note 1
Fig. 3)
I
PPM
See Table
Amps
Steady State Power Dissipation at TL =75
Lead length .375” (9.5mm)
.
( Fig. 5)
PM(AV)
Watts
Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed
on Rated Load
. (JEDEC Method) (Note 2, Fig. 6)
IFSM
Amps
Operating
Junction and Storage Temperature Range.
TJ , TSTG
-55 to +175
8.0
400
Case: Molded plastic over glass passivated junction
.
Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026
.
Polarity: Color band denotes cathode except Bipolar
.
Mounting Position: Any
.
Weight: 0.07 ounce, 2.5grams
.
P600
For
Bidirectional use C or CA suffix for type 15KPA17 through type 15KPA280 (e.g. 15KPA17C, 15KPA280CA);
Electrical characteristics apply in both directions.
Ratings at 25
ambient temperature unless otherwise specified
.
UL E223045
MAXIMUM RATINGS AND CHARACTERISTICS
Transient
15KPA Series
MERITEK
All specifications are subject to change without notice.
1
Rev 7


Similar Part No. - 15KPA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
logo
Weitron Technology
15KPA WEITRON-15KPA Datasheet
231Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
15KPA RUILON-15KPA Datasheet
877Kb / 7P
   Transient Voltage Suppressors
logo
StarHope
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
More results

Similar Description - 15KPA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com