Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC350A Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # 1.5SMC350A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

1.5SMC350A Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  1.5SMC350A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 1.5SMC350A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 1.5SMC350A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 1.5SMC350A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
UNI
BI
VRWM(V)
VBR MIN.(V)
VBR MAX.(V) IT(mA)
VC(V)
IPP(A)
IR(µA)
1.5SMC30A
1.5SMC30CA
30A 30C
25.60
28.50
31.50
1
41.4
36.7
1
1.5SMC33A
1.5SMC33CA
33A 33C
28.20
31.40
34.70
1
45.7
33.3
1
1.5SMC36A
1.5SMC36CA
36A 36C
30.80
34.20
37.80
1
49.9
30.5
1
1.5SMC39A
1.5SMC39CA
39A 39C
33.30
37.10
41.00
1
53.9
28.2
1
1.5SMC43A
1.5SMC43CA
43A 43C
36.80
40.90
45.20
1
59.3
25.6
1
1.5SMC47A
1.5SMC47CA
47A 47C
40.20
44.70
49.40
1
64.8
23.5
1
1.5SMC51A
1.5SMC51CA
51A 51C
43.60
48.50
53.60
1
70.1
21.7
1
1.5SMC56A
1.5SMC56CA
56A 56C
47.80
53.20
58.80
1
77.0
19.7
1
1.5SMC62A
1.5SMC62CA
62A 62C
53.00
58.90
65.10
1
85.0
17.9
1
1.5SMC68A
1.5SMC68CA
68A 68C
58.10
64.60
71.40
1
92.0
16.5
1
1.5SMC75A
1.5SMC75CA
75A 75C
64.10
71.30
78.80
1
103.0
14.8
1
1.5SMC82A
1.5SMC82CA
82A 82C
70.10
77.90
86.10
1
113.0
13.5
1
1.5SMC91A
1.5SMC91CA
91A 91C
77.80
86.50
95.50
1
125.0
12.2
1
1.5SM100A
1.5SMC100CA 68A 100C 85.50
95.00
105.00
1
137.0
11.1
1
1.5SMC110A 1.5SMC110CA 75A 110C 94.00
105.00
116.00
1
152.0
10.0
1
1.5SMC120A 1.5SMC120CA 120A 120C 102.00
114.00
126.00
1
165.0
9.2
1
1.5SMC130A 1.5SMC130CA 130A 130C 111.00
124.00
137.00
1
179.0
8.5
1
1.5SMC150A 1.5SMC150CA 150A 150C 128.00
143.00
158.00
1
207.0
7.3
1
1.5SMC160A 1.5SMC160CA 160A 160C 136.00
152.00
168.00
1
219.0
6.9
1
1.5SMC170A 1.5SMC170CA 170A 170C 145.00
162.00
179.00
1
234.0
6.5
1
1.5SMC180A 1.5SMC180CA 180A 180C 154.00
171.00
189.00
1
246.0
6.2
1
1.5SMC200A 1.5SMC200CA 200A 200C 171.00
190.00
210.00
1
274.0
5.5
1
1.5SMC220A 1.5SMC220CA 220A 220C 185.00
209.00
231.00
1
328.0
4.6
1
1.5SMC250A 1.5SMC250CA 250A 250C 214.00
237.00
263.00
1
344.0
4.4
1
1.5SMC300A 1.5SMC300CA 300A 300C 256.00
285.00
315.00
1
414.0
3.7
1
1.5SMC350A 1.5SMC350CA 350A 350C 300.00
332.00
368.00
1
482.0
3.2
1
1.5SMC400A 1.5SMC400CA 400A 400C 342.00
380.00
420.00
1
548.0
2.8
1
1.5SMC440A 1.5SMC440CA 440A 440C 376.00
418.00
462.00
1
602.0
2.5
1
1.5SMC480A 1.5SMC480CA 480A 480C 408.00
456.00
504.00
1
658.0
2.3
1
1.5SMC510A 1.5SMC510CA 510A 510C 434.00
485.00
535.00
1
698.0
2.1
1
1.5SMC530A 1.5SMC530CA 530A 530C 477.00
503.50
556.50
1
725.0
2.1
1
1.5SMC540A 1.5SMC540CA 540A 540C 486.00
513.00
567.00
1
740.0
2.0
1
1.5SMC550A 1.5SMC550CA 550A 550C 495.00
522.50
577.50
1
760.0
2.0
1
1.5SMC100A
Transient
1 5
Series
MERITEK
Note: For Bidirectional type having VRWM of 10 volts and less,the IR limit doubles.
3
Rev 7


Similar Part No. - 1.5SMC350A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5SMC350A VISHAY-1.5SMC350A Datasheet
40Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
logo
Alpha & Omega Semicondu...
1.5SMC350A AOSMD-1.5SMC350A Datasheet
707Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
logo
Vishay Siliconix
1.5SMC350A VISHAY-1.5SMC350A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
logo
Shenzhen Luguang Electr...
1.5SMC350A LUGUANG-1.5SMC350A Datasheet
2Mb / 3P
   Transient Voltage Suppressors
logo
Vishay Siliconix
1.5SMC350A VISHAY-1.5SMC350A Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
More results

Similar Description - 1.5SMC350A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com