Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4447A Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AO4447A
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4447A Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AO4447A Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4447A Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4447A Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4447A Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4447A Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AO4447A
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
IF=-6.5A, dI/dt=100A/µs
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
0
2
4
6
8
10
0
20
40
60
80
100
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
1000
2000
3000
4000
5000
6000
7000
0
5
10
15
20
25
30
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
0
10
20
30
40
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note F)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance(Note F)
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
-VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100
µs
10ms
1ms
100ms
10s
10
µs
DC
VDS=-15V
ID= -17A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=75°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4447A

ManufacturerPart #DatasheetDescription
logo
shenzhen wanhexing Elec...
AO4447A WHXPCB-AO4447A Datasheet
2Mb / 5P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4447A KEXIN-AO4447A Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4447A VBSEMI-AO4447A Datasheet
992Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
383Kb / 5P
   30V P-Channel MOSFET
Rev.5.0: October 2017
logo
Guangdong Youtai Semico...
AO4447A UMW-AO4447A Datasheet
938Kb / 7P
   -30V P-Channel MOSFET
More results

Similar Description - AO4447A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com