Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ15A Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # 5.0SMDJ15A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

5.0SMDJ15A Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  5.0SMDJ15A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 5.0SMDJ15A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 5.0SMDJ15A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 5.0SMDJ15A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
t
d -Pulse
Width (Sec.)
0.0000001
0
20
40
60
80
100
0
25
50
75
100
125
150
175
T
A - Ambient Temperature (ºC)
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
T J=25°C
Pulse Width(td) is de
fined
as the point where the peak
current decays to 50% of I
PPM
10/1000µsec. Waveform
as de
fined by R.E.A
td
t-Time (ms)
Half Value
IPPM
(
)
1
10
100
1000
10000
100000
1.0
10.0
100.0
1000.0
V
BR - Reverse Breakdown Voltage (V)
Bi-directional V= OV
Uni-directional @ VR
Bi-directional @ VR
Uni-directional V= OV
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
25
50
75
100
125
150
175
T
A-Ambient Temperature (ºC)
1
10
100
Number of Cycles at 60 Hz
0
50
100
150
200
250
300
350
Transient Voltage Suppressors
Series
MERITEK
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Dissipation Derating Curve
Figure 6 - Maximum Non-Repetitive Forward
Surge Current Uni-Directional Only
RATING AND CHARACTERISTIC CURVES
(TA: 25°C UNLESS OTHERWISE SPECIFIED)
4
Rev 7


Similar Part No. - 5.0SMDJ15A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5.0SMDJ15A YFWDIODE-5.0SMDJ15A Datasheet
655Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 5000Watts
logo
MDE Semiconductor, Inc.
5.0SMDJ15A MDE-5.0SMDJ15A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nanjing International G...
5.0SMDJ15A DGNJDZ-5.0SMDJ15A Datasheet
102Kb / 4P
   Plastic material has UL flammability classification 94V-O
logo
Shenzhen Luguang Electr...
5.0SMDJ15A LUGUANG-5.0SMDJ15A Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Alpha & Omega Semicondu...
5.0SMDJ15A AOSMD-5.0SMDJ15A Datasheet
702Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.2.2 July 2021
More results

Similar Description - 5.0SMDJ15A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com