Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4435 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4435
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4435 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4435_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4435_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4435_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4435_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4435_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Parameter
Symbol
Typ
Max
t
≤ 10s
32
40
Steady State
60
75
Steady State
RθJL
17
24
A
mJ
°C
-55 to 150
-20
60
W
±25
-80
A
V
-10.5
-8
3.1
2.0
Maximum Junction-to-Lead
C
°C/W
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
Maximum Junction-to-Ambient
A
°C/W
RθJA
-30
Absolute Maximum Ratings TA=25°C unless otherwise noted
Continuous Drain
Current
A
Units
Parameter
TA=25°C
TA=70°C
V
Maximum
ID
Gate-Source Voltage
PD
Power Dissipation
A
TA=25°C
Drain-Source Voltage
Pulsed Drain Current
B
Junction and Storage Temperature Range
TA=70°C
Avalanche Current
B
Repetitive avalanche energy 0.3mH
B
AO4435
30V P-Channel MOSFET
Product Summary
VDS = -30V
ID = -10.5A
(VGS = -20V)
RDS(ON) < 14m (VGS = -20V)
RDS(ON) < 18m (VGS = -10V)
RDS(ON) < 36m (VGS = -5V)
100% UIS Tested
100% Rg Tested
General Description
The AO4435 uses advanced trench technology to
provide excellent RDS(ON), and ultra-low low gate charge
with a 25V gate rating. This device is suitable for use as
a load switch or in PWM applications.
-RoHS Compliant
-AO4435 is Halogen Free
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
G
D
S
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4435_11

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4435-HF KEXIN-AO4435-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Similar Description - AO4435_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com