Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4425 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AO4425
Description  38V P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4425 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AO4425_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4425_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4425_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4425_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AO4425
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
-15
-12.8
0
2
4
6
8
10
0
10
20
30
40
50
60
70
-Qg (nC)
Figure 7: Gate-Charge Characteristics
VDS=-15V
ID=-14A
0
1000
2000
3000
4000
5000
0
10
20
30
40
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
0
10
20
30
40
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
0.1
1.0
10.0
100.0
0.1
1
10
100
-VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100
µs
10ms
1ms
0.1s
1s
10s
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
10
µs
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=40°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C
Ton
T
PD
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4425_10

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4425-HF KEXIN-AO4425-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4425L AOSMD-AO4425L Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO4425_10

ManufacturerPart #DatasheetDescription
logo
shenzhen wanhexing Elec...
AO4425 WHXPCB-AO4425 Datasheet
1Mb / 4P
   38V P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com