Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # 3KP
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

3KP Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  3KP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 3KP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 3KP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 3KP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
MECHANICAL DATA
DEVICES FOR BIPOLAR APPLICATION
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25
per Fig. 2.
2. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minute maximum.
RATING
SYMBOL
VALUE
UNIT
Peak Pulse Power Dissipation on 10/1000 s waveform
. (Note 1 Fig. 1)
PPPM
Minimum 3,000
Watts
Peak Pulse Current on 10/1000 s waveform. (Note 1
Fig. 3)
PPM
See Table
Amps
Steady State Power Dissipation at TL =75
Lead length .375” (9.5mm)
.
( Fig. 5)
PM(AV)
Watts
Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed
on Rated Load
. (JEDEC Method) (Note 2, Fig. 6)
IFSM
Amps
Operating junction and Storage Temperature Range.
TJ , TSTG
-55 to +175
7.0
300
Case: Molded plastic over glass passivated junction
.
Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026
.
Polarity: Color band denotes cathode except Bipolar
.
Mounting Position: Any
.
Weight: 0.07 ounce, 2.
1 grams.
P600
For
idirectional use C or CA suffix for type
3KP5.0 through type 3KP220 (e.g. 3KP5.0C, 3KP220CA);
Electrical characteristics apply in both directions.
Ratings at 25
ambient temperature unless otherwise specified
.
UL E223045
MAXIMUM RATINGS AND CHARACTERISTICS
Transient
3KP Series
MERITEK
Plastic package has Underwriters Laboratory.
Flammability Classification 94V-O.
Glass passivated junction.
3
,000W Peak Pulse Power capability on 10/1000μs waveform.
Excellent clamping capability.
Repetition rate (duty cycle): 0.05%
Low incremental surge resistance.
Fast response time: typically less than 1.0ps from 0
volt to VBR.
Typical IR less than 1μA above 10V.
High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs, (2.3kg) tension.
All specifications are subject to change without notice.
1
Rev 7


Similar Part No. - 3KP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Anova Technologies CO.,...
3KP ANOVA-3KP Datasheet
393Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Won-Top Electronics
3KP WTE-3KP Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 3KP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com