Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4410 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4410
Description  30V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4410 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4410_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4410_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4410_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4410_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4410_10 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
0.8
1.1
1.5
V
ID(ON)
80
A
4.7
5.5
TJ=125°C
6.4
7.4
5.2
6.2
m
gFS
102
S
VSD
0.64
1
V
IS
4.5
A
Ciss
9130
10500
pF
Coss
625
pF
Crss
387
542
pF
Rg
0.2
0.4
0.8
Qg(4.5V)
72.4
85
nC
Qgs
13.4
nC
Qgd
16.8
nC
tD(on)
11
15
ns
tr
7
11
ns
tD(off)
99
135
ns
tf
13
19.5
ns
trr
33
40
ns
Qrr
22.2
30
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Gate Drain Charge
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=10V, VDS=15V, ID=18A
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=0.83Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
m
VGS=4.5V, ID=15A
IS=1A,VGS=0V
VDS=5V, ID=18A
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=30V, VGS=0V
VDS=0V, VGS= ±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=18A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
VGS=10V, ID=18A
Reverse Transfer Capacitance
IF=18A, dI/dt=100A/µs
A: The value of R θJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with
T A=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T A=25°C. The
SOA curve provides a single pulse rating.
F. The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Rev7: Nov 2010
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4410_10

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4410-HF KEXIN-AO4410-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4410L AOSMD-AO4410L Datasheet
110Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO4410_10

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com