Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4407A Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO4407A
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4407A Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO4407A_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4407A_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4407A_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4407A_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4407A_10 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AO4407A
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
IF=-6.5A, dI/dt=100A/µs
0
20
40
60
80
0
1
2
3
4
5
-VDS (Volts)
Figure 1: On-Region Characteristics
-5V
-6V
-10V
-4.5V
-4V
0
20
40
60
80
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-VGS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
VDS= -5V
0
5
10
15
20
0
4
8
12
16
20
-ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
VGS=-10V
VGS=-6V
VGS=-20V
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1.0
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
5
10
15
20
25
30
3
4
5
6
7
8
9
10
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
ID=-12A
25°C
125°C
VGS= -3.5V
VGS=-20V
ID=-12A
VGS=-10V
ID=-12A
VGS=-6V
ID=-10A
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4407A_10

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4407A-HF KEXIN-AO4407A-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Similar Description - AO4407A_10

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com