Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7575JP Datasheet(PDF) 7 Page - Analog Devices

Part # AD7575JP
Description  LC2MOS 5 us 8-Bit ADC with Track/Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7575JP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7575JP Datasheet HTML 3Page - Analog Devices AD7575JP Datasheet HTML 4Page - Analog Devices AD7575JP Datasheet HTML 5Page - Analog Devices AD7575JP Datasheet HTML 6Page - Analog Devices AD7575JP Datasheet HTML 7Page - Analog Devices AD7575JP Datasheet HTML 8Page - Analog Devices AD7575JP Datasheet HTML 9Page - Analog Devices AD7575JP Datasheet HTML 10Page - Analog Devices AD7575JP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7575
–7–
REV. B
A SAMPLED-DATA INPUT
The AD7575 makes use of a sampled-data comparator. The
equivalent input circuit is shown in Figure 9. When a conversion
starts, switch S1 is closed, and the equivalent input capacitance
is charged to VIN. With a switch resistance of typically
500
Ω and an input capacitance of typically 2 pF, the input time
constant is 1 ns. Thus CIN becomes charged to within ± 1/4 LSB
in 6.9 time constants or about 7 ns. Since the AD7575 requires
two input clock cycles (at a clock frequency of 4 MHz) before
going into the compare mode, there is ample time for the input
voltage to settle before the first comparator decision is made.
Increasing the source resistance increases the settling time re-
quired. Input bypass capacitors placed directly at the analog
input act to average the input charging currents. The average
current flowing through any source impedance can cause
full-scale errors.
2pF
VIN
CS
0.5pF
S1
RON
500
Figure 9. Equivalent Input Circuit
REFERENCE INPUT
The reference input impedance on the AD7575 is code depen-
dent and varies by a ratio of approximately 3-to-1 over the digi-
tal code range. The typical resistance range is from 6 k
Ω to 18 kΩ.
As a result of the code dependent input impedance, the VREF
input must be driven from a low impedance source. Figure 10
shows how an AD589 can be configured to produce a nominal
reference voltage of +1.23 V.
47 F
0.1 F
+
AD589
3.3k
+5V
1.23V
Figure 10. Reference Circuit
TRACK-AND-HOLD
The on-chip track-and-hold on the AD7575 means that input
signals with slew rates up to 386 mV/
µs can be converted with-
out error. This corresponds to an input signal bandwidth of
50 kHz for a 2.46 V peak-to-peak sine wave. Figure 11 shows
a typical plot of signal-to-noise ratio versus input frequency over
the input bandwidth of the AD7575. The SNR figures are gen-
erated using a 200 kHz sampling frequency, and the reconstructed
sine wave passes through a filter with a cutoff frequency
of 50 kHz.
The improvement in the SNR figures seen at the higher frequen-
cies is due to the sharp cutoff of the filter (50 kHz, 8th
order Chebyshev) used in the test circuit.
INPUT FREQUENCY – Hz
40
100
100k
10k
1k
42
44
46
48
50
52
54
TA = +25 C
Figure 11. SNR vs. Input Frequency
The input signal is held on the third falling edge of the input
clock after
CS and RD go LOW. This is indicated in Figure 12
for the Slow Memory Interface. Between conversions, the input
signal is tracked by the AD7575 track-and-hold. Since the
sampled signal is held on a small, on-chip capacitor, it is advis-
able that the data bus be kept as quiet as possible during a
conversion.
EXTERNAL
CLOCK
BUSY
RD
CS
INPUT SIGNAL
HELD HERE
Figure 12a. Track-and-Hold (Slow Memory Interface) with
External Clock
INPUT SIGNAL
HELD HERE
INTERNAL
CLOCK
BUSY
RD
CS
Figure 12b. Track-and-Hold (Slow Memory Interface) with
Internal Clock


Similar Part No. - AD7575JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575JP AD-AD7575JP Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JP AD-AD7575JP Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
More results

Similar Description - AD7575JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821 Datasheet
249Kb / 12P
   LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com