Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO3460 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO3460
Description  60V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO3460 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO3460_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO3460_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO3460_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO3460_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AO3460
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
VDS=0V, VGS=±10V
VDS=VGS ID=250µA
0
0.5
1
1.5
2
0
1
2
3
4
5
VDS (Volts)
Figure 1: On-Region Characteristics
VGS=3.0V
4V
6V
10V
4.5V
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
VGS(Volts)
Figure 2: Transfer Characteristics
-40°C
1
1.5
2
2.5
3
0
0.5
1
1.5
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
0.0
0.4
0.8
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
-40°C
0.6
1.0
1.4
1.8
2.2
-50
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=10V
ID=0.65A
VGS=4.5V
ID=0.5
1
1.5
2
2.5
3
3.5
4
2
4
6
8
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=10V
ID=0.65A
25°C
125°C
VGS=4.5V
3.5V
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO3460_10

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO3460-3 KEXIN-AO3460-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
AO3460-HF KEXIN-AO3460-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
AO3460-HF-3 KEXIN-AO3460-HF-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO3460_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com