Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9535APW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9535APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535APW Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9535APW Datasheet HTML 1Page - NXP Semiconductors PCA9535APW Datasheet HTML 2Page - NXP Semiconductors PCA9535APW Datasheet HTML 3Page - NXP Semiconductors PCA9535APW Datasheet HTML 4Page - NXP Semiconductors PCA9535APW Datasheet HTML 5Page - NXP Semiconductors PCA9535APW Datasheet HTML 6Page - NXP Semiconductors PCA9535APW Datasheet HTML 7Page - NXP Semiconductors PCA9535APW Datasheet HTML 8Page - NXP Semiconductors PCA9535APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
PCA9535A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 11 September 2012
2 of 38
NXP Semiconductors
PCA9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt
Low standby current consumption:
1.5
A (typical at 5 V V
DD)
1.0
A (typical at 3.3 V V
DD)
Schmitt-trigger action allows slow input transition and better switching noise immunity
at the SCL and SDA inputs
Vhys = 0.10  VDD (typical)
5 V tolerant I/Os
Open-drain active LOW interrupt output (INT)
400 kHz Fast-mode I2C-bus
Internal power-on reset
Power-up with all channels configured as inputs
No glitch on power-up
Latched outputs with 25 mA drive maximum capability for directly driving LEDs
Latch-up performance exceeds 100 mA per JESD78, Class II
ESD protection exceeds JESD22
2000 V Human Body Model (A114-A)
1000 V Charged-Device Model (C101)
Packages offered: TSSOP24, HWQFN24
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9535AHF
HWQFN24
plastic thermal enhanced very very thin quad flat package; no leads;
24 terminals; body 4
 4  0.75 mm
SOT994-1
PCA9535APW
TSSOP24
plastic thin shrink small outline package; 24 leads; body width 4.4 mm
SOT355-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9535AHF
535A
40 C to +85 C
PCA9535APW
PCA9535A
40 C to +85 C


Similar Part No. - PCA9535APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535A NXP-PCA9535A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9535APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9535 NXP-PCA9535_08 Datasheet
182Kb / 31P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 05-15 September 2008
PCA9555A NXP-PCA9555A Datasheet
2Mb / 39P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and weak pull-up
Rev. 1-11 September 2012
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com