Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9509PDP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9509PDP
Description  Low power level translating I2C-bus/SMBus repeater
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9509PDP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9509PDP Datasheet HTML 5Page - NXP Semiconductors PCA9509PDP Datasheet HTML 6Page - NXP Semiconductors PCA9509PDP Datasheet HTML 7Page - NXP Semiconductors PCA9509PDP Datasheet HTML 8Page - NXP Semiconductors PCA9509PDP Datasheet HTML 9Page - NXP Semiconductors PCA9509PDP Datasheet HTML 10Page - NXP Semiconductors PCA9509PDP Datasheet HTML 11Page - NXP Semiconductors PCA9509PDP Datasheet HTML 12Page - NXP Semiconductors PCA9509PDP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PCA9509P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 14 August 2012
9 of 23
NXP Semiconductors
PCA9509P
Low power level translating I2C-bus/SMBus repeater
8.
Limiting values
[1]
With I/O pins OFF. If active, see IOL.
Fig 6.
Bus A lower voltage waveform
002aag177
9th clock pulse
acknowledge
SCL
SDA
VOL of master
VOL of PCA9509P
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(B)
supply voltage port B
0.5
+6.0
V
VCC(A)
supply voltage port A
0.5
+6.0
V
VI/O
voltage on an input/output pin
port A
[1]
0.5
+6.0
V
port B; enable pin (EN)
[1]
0.5
+6.0
V
II/O
input/output current
-
20
mA
IOL
LOW-level output current
A-side I/O active LOW
-
20
mA
B-side I/O active LOW
-
40
mA
II
input current
-
20
mA
Ptot
total power dissipation
-
100
mW
Tstg
storage temperature
65
+150
C
Tamb
ambient temperature
operating in free air
40
+85
C
Tj
junction temperature
-
+125
C
Tsp
solder point temperature
10 s max.
-
300
C


Similar Part No. - PCA9509PDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9509P NXP-PCA9509P Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9509PDP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com