Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVAC250-24F Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # MVAC250-24F
Description  250W High Density AC/DC Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MVAC250-24F Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  MVAC250-24F Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MVAC250-24F Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MVAC250 Series
250W High Density AC/DC Power Supply
MVAC250.A01.D26 Page 5 of
7
www.murata-ps.com/support
INRUSH CURRENT
Time: 100 mSec/Div, Ch1: 500 V/Div, Ch4: 20 A/Div, Vin: 264 VAC, Ipk = 15.1 A
AC applied at peak of sine wave
WIRING DIAGRAM FOR OUTPUT
DC out return
+Remote Sense
-Remote Sense
+DC out
J3 pin 5
J2 pins 1-6
J2 pins 7-12
J3 pin 6
.
Dotted lines show optional remote sense connections.
Optional remote sense lines can be attached to a load that is a distance
away from the power supply to improve regulation at the load.
MVAC250-xxAFD
12V load
J3 pin 4
J3 pin 8
J3 pin 1
Close switch (or FET, BJT, or wire)
to turn on +DC out and +12V_fan
+5V logic circuitry
+5V_AUX
PS_ON
+5V_AUX_RTN
Fan or
other load
J3 pin 3
J3 pin 7 +12V_Fan
+12V_FAN_RTN
DC out return
+Remote Sense
-Remote Sense
+DC out
J3 pin 5
J2 pins 1-6
J2 pins 7-12
J3 pin 6
.
Dotted lines show optional remote sense connections.
Optional remote sense lines can be attached to a load that is a distance
away from the power supply to improve regulation at the load.
MVAC250-xxF
12V load
Fan or
other load
J3 pin 3
J3 pin 7 +12V_Fan
+12V_FAN_RTN
APPLICATION NOTE
Document Number
Description
ACAN-42 MVAC Series
External ORing FET Reference Circuit


Similar Part No. - MVAC250-24F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MVAC250-24F MURATA-MVAC250-24F Datasheet
348Kb / 8P
   250W High Density AC-DC Power Supply
logo
Murata Power Solutions ...
MVAC250-24F MURATA-PS-MVAC250-24F Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24F MURATA-PS-MVAC250-24F Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24F MURATA-PS-MVAC250-24F Datasheet
442Kb / 9P
   250 Watt Silicon Type Metal Package Power Transistor
More results

Similar Description - MVAC250-24F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MVAC250 MURATA-MVAC250_13 Datasheet
348Kb / 8P
   250W High Density AC-DC Power Supply
logo
Murata Power Solutions ...
MVAC250-12F MURATA-PS-MVAC250-12F Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-48F MURATA-PS-MVAC250-48F Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24AFD MURATA-PS-MVAC250-24AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24AFT MURATA-PS-MVAC250-24AFT Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-12AFD MURATA-PS-MVAC250-12AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-48AFD MURATA-PS-MVAC250-48AFD Datasheet
442Kb / 9P
   250W 3 x 5 High Density AC-DC Power Supply Converter
logo
BOSER Technology Co., L...
MPI-925A BOSER-MPI-925A Datasheet
89Kb / 1P
   250W AC-DC AT Power Supply
ZKS-250AE BOSER-ZKS-250AE Datasheet
66Kb / 1P
   250W AC-DC AT Power Supply
logo
Murata Power Solutions ...
MVAD065 MURATA-PS-MVAD065 Datasheet
300Kb / 5P
   65W High Density AC/DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com