Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQV210A Datasheet(PDF) 7 Page - COSMO Electronics Corporation

Part # KAQV210A
Description  Electro-optical Characteristics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV210A Datasheet(HTML) 7 Page - COSMO Electronics Corporation

  KAQV210A Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV210A Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV210A Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV210A Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV210A Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV210A Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV210A Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PRODUCT SPECIFICATION
DATE:02/22/2011
NO.61M10022
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV210A
SHEET 7 OF 7
REV.
2
USING METHODS
Regulate the spike voltage generated on the inductive
load as follows:
Load
4
3
6
5
1
2
R-C Snubber
Load
5
2
4
3
6
1


Similar Part No. - KAQV210A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KAQV210AB DBLECTRO-KAQV210AB Datasheet
141Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV210ATL COSMO-KAQV210ATL Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210ATR COSMO-KAQV210ATR Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Similar Description - KAQV210A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV210 COSMO-KAQV210_11 Datasheet
173Kb / 7P
   Electro-optical Characteristics
logo
LUMEX INC.
SSP-01TWB3SW12 LUMEX-SSP-01TWB3SW12 Datasheet
45Kb / 1P
   ELECTRO-OPTICAL CHARATERISTICS
logo
Hamamatsu Corporation
R9220 HAMAMATSU-R9220 Datasheet
142Kb / 4P
   PHOTOMULTIPLIER TUBE High QE Multialkali Photocathode New Electro-Optical Design
logo
List of Unclassifed Man...
LT7821-81 ETC-LT7821-81 Datasheet
455Kb / 1P
   SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
logo
Projects Unlimited, Inc...
SMT-1427-S-R PUI-SMT-1427-S-R Datasheet
190Kb / 1P
   Transducer (Electro-Mech)
logo
Samsung semiconductor
RC2012F106CS SAMSUNG-RC2012F106CS Datasheet
82Kb / 2P
   Samsung electro-mechanics
logo
Projects Unlimited, Inc...
SMT-0827-TW-5V-R PUI-SMT-0827-TW-5V-R Datasheet
150Kb / 1P
   Transducer (Electro-Mech)
SMT-1028-T-R PUI-SMT-1028-T-R Datasheet
154Kb / 1P
   Transducer (Electro-Mech)
SMT-1427-S-3-R PUI-SMT-1427-S-3-R Datasheet
209Kb / 1P
   Transducer (Electro-Mech)
logo
Samsung semiconductor
RC0603J474CS SAMSUNG-RC0603J474CS Datasheet
82Kb / 2P
   Samsung electro-mechanics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com