Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7524UQ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7524UQ
Description  CMOS 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7524UQ Datasheet(HTML) 3 Page - Analog Devices

  AD7524UQ Datasheet HTML 1Page - Analog Devices AD7524UQ Datasheet HTML 2Page - Analog Devices AD7524UQ Datasheet HTML 3Page - Analog Devices AD7524UQ Datasheet HTML 4Page - Analog Devices AD7524UQ Datasheet HTML 5Page - Analog Devices AD7524UQ Datasheet HTML 6Page - Analog Devices AD7524UQ Datasheet HTML 7Page - Analog Devices AD7524UQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD7524
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C, unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VRFB to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±25 V
VREF to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±25 V
Digital Input Voltage to GND . . . . . . . . –0.3 V to VDD +0.3 V
OUT1, OUT2 to GND . . . . . . . . . . . . . –0.3 V to VDD +0.3 V
Power Dissipation (Any Package)
To +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature
Commercial (J, K, L) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Industrial (A, B, C) . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S, T, U) . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7524 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
TERMINOLOGY
RELATIVE ACCURACY: A measure of the deviation from a
straight line through the end points of the DAC transfer function.
Normally expressed as a percentage of full scale range. For the
AD7524 DAC, this holds true over the entire VREF range.
RESOLUTION: Value of the LSB. For example, a unipolar con-
verter with n bits has a resolution of (2
–n) (V
REF). A bipolar con-
verter of n bits has a resolution of [2
–(n–1)] [V
REF]. Resolution in no
way implies linearity.
GAIN ERROR: Gain Error is a measure of the output error be-
tween an ideal DAC and the actual device output. It is measured
with all 1s in the DAC after offset error has been adjusted out
and is expressed in LSBs. Gain Error is adjustable to zero with
an external potentiometer.
FEEDTHROUGH ERROR: Error caused by capacitive cou-
pling from VREF to output with all switches OFF.
OUTPUT CAPACITANCE: Capacity from OUT1 and
OUT2 terminals to ground.
OUTPUT LEAKAGE CURRENT: Current which appears
on OUT1 terminal with all digital inputs LOW or on OUT2
terminal when all inputs are HIGH. This is an error current
which contributes an offset voltage at the amplifier output.
PIN CONFIGURATIONS
DIP, SOIC
PLCC
LCCC


Similar Part No. - AD7524UQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7524UQ AD-AD7524UQ Datasheet
165Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524UQ AD-AD7524UQ Datasheet
129Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524UQ AD-AD7524UQ Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
More results

Similar Description - AD7524UQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7524JPZ AD-AD7524JPZ Datasheet
129Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JRZ AD-AD7524JRZ Datasheet
165Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628_15 Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-87701032A AD-5962-87701032A Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628 Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com