Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7418ACHIPS Datasheet(PDF) 3 Page - Analog Devices

Part # AD7418ACHIPS
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7418ACHIPS Datasheet(HTML) 3 Page - Analog Devices

  AD7418ACHIPS Datasheet HTML 1Page - Analog Devices AD7418ACHIPS Datasheet HTML 2Page - Analog Devices AD7418ACHIPS Datasheet HTML 3Page - Analog Devices AD7418ACHIPS Datasheet HTML 4Page - Analog Devices AD7418ACHIPS Datasheet HTML 5Page - Analog Devices AD7418ACHIPS Datasheet HTML 6Page - Analog Devices AD7418ACHIPS Datasheet HTML 7Page - Analog Devices AD7418ACHIPS Datasheet HTML 8Page - Analog Devices AD7418ACHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. G
AD7416/AD7417/AD7418
–3–
NOTES
1B Version applies to AD7417 only with temperature range of –40
°C to +85°C. A Version temperature range is –40°C to +125°C. For V
DD = 2.7 V, TA = 85
°C max
and temperature sensor measurement error =
±3°C.
2See Terminology.
3Refers to the input current when the part is not converting. Primarily due to reverse leakage current in the ESD protection diodes.
4Sample tested during initial release and after any redesign or process change that may affect this parameter.
5On-chip reference shuts down when external reference is applied.
6The accuracy of the temperature sensor is affected by reference tolerance. The relationship between the two is explained in the Temperature Sensor section.
Specifications subject to change without notice.
AD7416–SPECIFICATIONS (V
DD = 2.7 V to 5.5 V, GND = 0 V, REFIN = 2.5 V, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy
±2.0
°CT
A = –25
°C to +100°C
(VDD = 3 V min)
1
±3.0
°CTA = –40°C to +125°C
(VDD = 3 V min)
1
Resolution
10
Bits
Temperature Conversion Time
40
µs
Update Rate, tR
400
µs
OTI Delay
1
× tR
6
× tR
ms
Depends on Fault Queue Setting
Supply Current
1.0
mA
I
2C Active
350
600
µAI2C Inactive
0.2
1.5
µA
Shutdown Mode
TOTI Default Temperature
80
°C
THYST Default Temperature
75
°C
DIGITAL INPUTS
Input High Voltage, VIH
VDD
× 0.7
VDD + 0.5
V
Input Low Voltage, VIL
–0.3
VDD
× 0.3
V
Input High Current, IIH
+0.005
+1.0
µAV
IN = 5 V
Input Low Current, IIL
–0.005
–1.0
µAVIN = 0 V
Input Capacitance, CIN
20
pF
All Digital Inputs
DIGITAL OUTPUTS
Output Low Voltage, VOL
0.4
V
IOL = 3 mA
Output High Current
1
µAV
OH = 5 V
Output Fall Time, tf
250
ns
CL = 400 pF, IO = 3 mA
OS Output Low Voltage, VOL
0.8
V
IOUT = 4 mA
AC ELECTRICAL CHARACTERISTICS
2
AD7416/AD7417/AD7418
Serial Clock Period, t1
2.5
µs
See Figure 1
Data In Setup Time to SCL High, t2
50
ns
See Figure 1
Data Out Stable after SCL Low, t3
0ns
See Figure 1
SDA Low Setup Time to SCL Low
(Start Condition), t4
50
ns
See Figure 1
SDA High Hold Time after SCL High
(Stop Condition), t5
50
ns
See Figure 1
SDA and SCL Fall Time, t6
300
ns
See Figure 1
NOTES
1For V
DD = 2.7 V to 3 V, TA max = 85
°C and accuracy = ±3°C.
2Sample tested during initial release and after any redesign or process change that may affect this parameter.
Specifications subject to change without notice.
t4
t2
t3
t5
SCL
SDA
DATA IN
SDA
DATA OUT
t6
t1
Figure 1. Diagram for Serial Bus Timing


Similar Part No. - AD7418ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7418ACHIPS AD-AD7418ACHIPS Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
More results

Similar Description - AD7418ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7416 AD-AD7416_10 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
logo
Texas Instruments
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com