Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD350 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJD350
Description  SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD350 Datasheet(HTML) 4 Page - Motorola, Inc

  MJD350 Datasheet HTML 1Page - Motorola, Inc MJD350 Datasheet HTML 2Page - Motorola, Inc MJD350 Datasheet HTML 3Page - Motorola, Inc MJD350 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MJD340 MJD350
4
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 369A–13
ISSUE W
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
1
2
3
4
V
S
A
K
–T–
SEATING
PLANE
R
B
F
G
D 3 PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.175
0.215
4.45
5.46
S
0.050
0.090
1.27
2.28
V
0.030
0.050
0.77
1.27
CASE 369–07
ISSUE K
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
–T– SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.175
0.215
4.45
5.46
S
0.020
0.050
0.51
1.27
U
0.020
–––
0.51
–––
V
0.030
0.050
0.77
1.27
Z
0.138
–––
3.51
–––
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
1
2
3
4
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MJD340/D
*MJD340/D*


Similar Part No. - MJD350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD350 ONSEMI-MJD350 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
MJD350 STMICROELECTRONICS-MJD350 Datasheet
65Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD350 FAIRCHILD-MJD350 Datasheet
37Kb / 4P
   High Voltage Power Transistors D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD350 STMICROELECTRONICS-MJD350 Datasheet
505Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Guangdong Kexin Industr...
MJD350 KEXIN-MJD350 Datasheet
38Kb / 1P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - MJD350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE350 MOTOROLA-MJE350 Datasheet
124Kb / 4P
   0.5 AMPERE POWER TRANSISTOR PNP SILICON 300 VOLTS 20 WATTS
MJE340 MOTOROLA-MJE340 Datasheet
117Kb / 4P
   0.5 AMPERE POWER TRANSISTOR NPN SILICON 300 VOLTS 20 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
MJE200 MOTOROLA-MJE200 Datasheet
255Kb / 6P
   5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJE341 MOTOROLA-MJE341 Datasheet
130Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 150-200 VOLTS 20 WATTS
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
   4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com