Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMT-3745 Datasheet(PDF) 1 Page - Allied Components International

Part # SMT-3745
Description  SMD Toroidal Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMT-3745 Datasheet(HTML) 1 Page - Allied Components International

  SMT-3745 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Toroidal Transformer
SMT-3745
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
06/08/12
4 Pin SMD Toroidal Transformer
Low Profile
Designed to meet EN60950 Supplementary
All specifications subject to change without notice.
o
Electrical Specificat ions @25 C
SCHEMATICS
MECHANICAL
Maximum reflow temperature: 250ºC/-5ºC for 20-40 seconds
(Refer to IPC/JEDEC J-STD-02C Standard)
Part
Number
Turn Ratio
@10KHz ,0.1V
(4-3):(1-2)
Inductance
LP @10KHz , 0.1V
(1-2)
DCR
@10KHz ,0.1V
(1-2)
5
3
.
0
n
i
m
H
u
0
3
%
2
±
1
:
7
6
.
1
SMT-3745
SMT-3745
Ω max
Part
Number
DCR
@10KHz ,0.1V
(4-3)
HI-POT
1sec/1mA
( 1-4 ) , (1+2 , 4+3 short)
0.35
c
a
V
0
5
7
3
x
a
m
For Modem and Telecom applications
Other configurations available
insulation requirements for working voltages up to 250Vrms
Operating Temperature range: 0ºC to +70ºC
3
1
2
4
Dimension
Unit :mm/±0.25
1
4
2
3
04
Marking
YYWW
Remark:
XXXXXXX=PART NUMBER (7 characters max.)
YYWW=DATE CODE, YY=YEAR;
WW=WEEK
SMT-3745


Similar Part No. - SMT-3745

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
SMT-37 OMEGA-SMT-37 Datasheet
351Kb / 2P
   Sub-D Type Connectors Low Cost Crimp-Style
More results

Similar Description - SMT-3745

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
X-0650-249 PREMO-X-0650-249 Datasheet
268Kb / 2P
   Toroidal Transformer
logo
DB Lectro Inc
TL35-0016-012 DBLECTRO-TL35-0016-012 Datasheet
196Kb / 5P
   TOROIDAL TRANSFORMER
logo
Coilcraft lnc.
Q3903-AL COILCRAFT-Q3903-AL Datasheet
123Kb / 1P
   Toroidal Transformer
logo
Beijing Yaohuadechang E...
PTC10 YHDC-PTC10 Datasheet
5Mb / 1P
   PCB toroidal transformer
logo
List of Unclassifed Man...
LTC0157 ETC1-LTC0157 Datasheet
160Kb / 1P
   TOROIDAL COIL TRANSFORMER
logo
Beijing Yaohuadechang E...
PTC15 YHDC-PTC15 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC7 YHDC-PTC7 Datasheet
1Mb / 1P
   PCB toroidal transformer
logo
MPS Industries, Inc.
P8TA MPSIND-P8TA Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TC MPSIND-P8TC Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TD MPSIND-P8TD Datasheet
43Kb / 1P
   TOROIDAL POWER TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com