Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7468 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7468
Description  1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7468 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7468 Datasheet HTML 6Page - Analog Devices AD7468 Datasheet HTML 7Page - Analog Devices AD7468 Datasheet HTML 8Page - Analog Devices AD7468 Datasheet HTML 9Page - Analog Devices AD7468 Datasheet HTML 10Page - Analog Devices AD7468 Datasheet HTML 11Page - Analog Devices AD7468 Datasheet HTML 12Page - Analog Devices AD7468 Datasheet HTML 13Page - Analog Devices AD7468 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AD7466/AD7467/AD7468
–10–
REV. PrC
Figure 11. REF193 as Power Supply to AD7466/AD7467/
AD7468
Analog Input
Figure 12 shows an equivalent circuit of the analog input
sturcture of the AD7466/AD7467/7468. The two diodes
D1 and D2 provide ESD protection for the analog inputs.
Care must be taken to ensure that the analog input signal
never exceeds the supply rails by more than 200mV. This
will cause these diodes to become forward biased and start
conducting current into the substrate. The capacitor C1 in
figure 12 is typically about 4pF and can primarily be at-
tributed to pin capacitance. The resistor R1 is a lumped
component made up of the on resistance of a switch. This
resistor is typically about 100
Ω. The capacitor C2 is the
ADC sampling capacitor and has a capacitance of 16pF
typically. For ac applications, removing high frequency
components from the analog input signal is recommended
by use of a band-pass filter on the relevant analog input
pin. In applications where harmonic distortion and signal
to noise ratio are critical the analog input should be driven
VIN
D1
VDD
D2
R1
C2
16PF
C1
4pF
CONVERSION PHASE - SWITCH OPEN
TRACK PHASE - SWITCH CLOSED
from a low impedance source. Large source impedances
will significantly affect the ac performance of the ADC.
This may necessitate the use of an input buffer amplifier.
The choice of the op amp will be a function of the par-
ticular application.
When no amplifier is used to drive the analog input the
source impedance should be limited to low values. The
maximum source impedance will depend on the amount of
total harmonic distortion (THD) that can be tolerated.
The THD will increase as the source impedance increases
and performance will degrade. Figure 13 shows a graph of
the Total Harmonic Distortion vs. analog input signal
frequency for different source impedances when using a
supply voltage of 2.7V and sampling at a rate of 100
kSPS.
Figure 12. Equivalent Analog Input Circuit
VDD
VIN
GND
+5V
SUPPLY
0.1µF
10µF
REF193
0.1µF
1µF
TANT
+3V
AD7466/67/68
0V toVDD
INPUT
SDATA
µC/µP
SCLK
SERIAL
INTERFACE
CS
1mA
680nF
The AD7468 conversion result consists of four leading
zeros followed by the MSB of the 8-bit result.
Alternatively, because the supply current required by the
AD7466/AD7467/AD7468 is so low, a presision reference
can be used as the supply source to the AD7466/AD7467/
AD7468. A REF19x voltage reference (REF193 for 3V,
REF192 for 2.5 V ) can be used to supply the required
voltage to the ADC - see figure 11. This configuration is
especially useful if your power supply is quite noisy or if
the system supply voltages are at some value other than 3V
(e.g. 2.5V).
The REF19x will output a steady voltage to
the AD7466/AD7467/AD7468. In applications where
power consumption is important, the automatic power
down mode of the ADC and the sleep mode of the
REF19x reference should be used to improve power per-
formance. See Modes of Operation section of the
datasheet.
TYPICAL CONNECTION DIAGRAM
Figure 11 shows a typical connection diagram for the
AD7466/AD7467/AD7468. VREF is taken internally from
VDD and as such VDD should be well decoupled. This pro-
vides an analog input range of 0V to VDD. For the
AD7466 the conversion result is output in a 16-bit word
with four leading zeroes followed by the MSB of the 12-
bit result. The AD7467 conversion result consists of four
leading zeros followed by the MSB of the 10-bit result.
pecifications


Similar Part No. - AD7468

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7468 AD-AD7468 Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468BRM AD-AD7468BRM Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468BRM-REEL AD-AD7468BRM-REEL Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468BRM-REEL7 AD-AD7468BRM-REEL7 Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468BRMZ AD-AD7468BRMZ Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
More results

Similar Description - AD7468

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476 AD-AD7476 Datasheet
360Kb / 20P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
REV. D
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com