Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7450ARM Datasheet(PDF) 10 Page - Analog Devices

Part # AD7450ARM
Description  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7450ARM Datasheet HTML 6Page - Analog Devices AD7450ARM Datasheet HTML 7Page - Analog Devices AD7450ARM Datasheet HTML 8Page - Analog Devices AD7450ARM Datasheet HTML 9Page - Analog Devices AD7450ARM Datasheet HTML 10Page - Analog Devices AD7450ARM Datasheet HTML 11Page - Analog Devices AD7450ARM Datasheet HTML 12Page - Analog Devices AD7450ARM Datasheet HTML 13Page - Analog Devices AD7450ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–10–
AD7450
TPC 13 shows the change in Zero Code Error versus the
Reference Voltage for VDD = 5V and 3.3V.
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
0.25
0.75
1.25
1.75
2.25
VREF
2.5
VDD = 5 V
Fs = 1MSPS
VDD = 3.3 V
Fs = 833kSPS
TPC 13. Change in Zero Code Error vs Reference Voltage
VDD = 5V and 3.3 V*
TPC 14 shows a histogram plot for 10000 conversions of
a dc input using the AD7450 with VDD = 5V. Both ana-
log inputs were set to VREF, which is the center of the
code transition.
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
2044
2045
2046
2047
2048
2049
CODE
10000 Codes
TPC 14. Histogram of 10000 conversions of a DC Input with
VDD = 5V
TPC 15 shows a histogram plot for 10000 conversions of
a dc input for VDD of 3V. As in TPC 14, both inputs are
set to VREF. Both plots indicate good noise performance as
the majority of codes appear in one output bin.
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
2044
2045
2046
2047
2048
2049
CODE
71 Codes
9839 Codes
90 Codes
TPC 15. Histogram of 10000 conversions of a DC Input with
VDD = 3V
TPC 16 shows the Effective Number of Bits (ENOB)
versus the Reference Voltage for VDD 5V and 3.3V.
Note
that the AD7450 has an ENOB of greater than 8-bits typi-
cally when VREF = 100mV.
6
7
8
9
10
11
12
00.5
11.5
22.5
VREF
VDD = 5V
Fs = 1MSPS
VDD = 3.3V
Fs = 833kSPS
TPC 16. Change in ENOB vs Reference Voltage
VDD = 5V and 3.3 V*
*See Reference Section.


Similar Part No. - AD7450ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7450ARMZ AD-AD7450ARMZ Datasheet
435Kb / 22P
   Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450ARMZ AD-AD7450ARMZ Datasheet
435Kb / 22P
   Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7450ARMZ AD-AD7450ARMZ Datasheet
500Kb / 23P
   Differential Input, 1 MSPS 12-Bit ADC
AD7450ARMZ-REEL7 AD-AD7450ARMZ-REEL7 Datasheet
435Kb / 22P
   Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450ARMZ-REEL7 AD-AD7450ARMZ-REEL7 Datasheet
435Kb / 22P
   Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
More results

Similar Description - AD7450ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7450 AD-AD7450_15 Datasheet
435Kb / 22P
   Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450BRZ AD-AD7450BRZ Datasheet
435Kb / 22P
   Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450BRM-REEL AD-AD7450BRM-REEL Datasheet
435Kb / 22P
   Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Analog Devices
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
logo
Linear Technology
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Analog Devices
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com