Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5161-HSOP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS5161-HSOP
Description  12-Bit Magnetic Angle Position Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5161-HSOP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS5161-HSOP Datasheet HTML 2Page - List of Unclassifed Manufacturers AS5161-HSOP Datasheet HTML 3Page - List of Unclassifed Manufacturers AS5161-HSOP Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5161-HSOP Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5161-HSOP Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5161-HSOP Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5161-HSOP Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5161-HSOP Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5161-HSOP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
AS5161
Datasheet - Electrical Character i s t ics
www.ams.com
Revision 1.1
6 - 35
7 Electrical Characteristics
7.1 Operating Conditions
In this specification, all the defined tolerances for external components need to be assured over the whole operation conditions range and also
over lifetime.
7.2 Magnetic Input Specification
TAMB = -40 to +150ºC, VDD = 4.5 to 5.5V (5V operation), unless otherwise noted.
Two-pole cylindrical diametrically magnetized source:
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Ambient temperature
-40
+150
ºC
Isupp
Supply current
10
mA
VDD
Supply voltage at pin VDD
4.5
5.0
5.5
V
Table 4. Magnetic Input Specification
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Bpk
Magnetic input field amplitude
Required vertical component of the
magnetic field strength on the die’s surface,
measured along a concentric circle with a
radius of 1.25 mm
30
70
mT
Bpkext
Magnetic input field amplitude
(extended) default setting
Required vertical component of the
magnetic field strength on the die’s surface,
measured along a concentric circle with a
radius of 1.25 mm. Increased sensor output
noise.
10
90
mT
Boff
Magnetic offset
Constant magnetic stray field
± 5
mT
Disp
Displacement radius
Offset between defined device center and
magnet axis. Including
Eccentricity.Dependent on the selected
magnet.
1mm


Similar Part No. - AS5161-HSOP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5161-HSOP AMSCO-AS5161-HSOP Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
More results

Similar Description - AS5161-HSOP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
   12-Bit Programmable Magnetic Position Sensor
AS5055A AMSCO-AS5055A Datasheet
646Kb / 31P
   Low Power 12-Bit Magnetic Position Sensor
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
   12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5055A AMSCO-AS5055A_V01 Datasheet
464Kb / 31P
   Low Power 12-Bit Magnetic Position Sensor
2014-Oct-14
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
   12-Bit Automotive Angle Position Sensor
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
   12 BIT AUTOMOTIVE Angle Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com