Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD5B60D Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOD5B60D
Description  600V, 5A Alpha IGBT with Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD5B60D Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOD5B60D Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD5B60D Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD5B60D Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD5B60D Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD5B60D Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD5B60D Datasheet HTML 6Page - Alpha & Omega Semiconductors AOD5B60D Datasheet HTML 7Page - Alpha & Omega Semiconductors AOD5B60D Datasheet HTML 8Page - Alpha & Omega Semiconductors AOD5B60D Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AOD5B60D
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
1
10
100
1000
0
3
6
9
12
I
C (A)
Figure 13: Switching Time vs. I
C
(T
j=150°C,V GE=15V,VCE=400V,Rg=60Ω
Ω)
Td(off)
Tf
Td(on)
Tr
1
10
100
1,000
10,000
0
100
200
300
400
500
600
R
g (Ω
Ω)
Figure 14: Switching Time vs. R
g
(T
j=150°C,V GE=15V,VCE=400V,IC=5A)
Td(off)
Tf
Td(on)
Tr
1
10
100
1000
0
50
100
150
200
T
J (°C)
Figure 15: Switching Time vs.T
j
( V
GE=15V,VCE=400V,IC=5A,Rg=60Ω
Ω)
Td(off)
Tf
Td(on)
Tr
0
2
4
6
8
10
0
30
60
90
120
150
T
J (°C)
Figure 16: V
GE(TH) vs. Tj
1
10
100
1000
0
3
6
9
12
I
C (A)
Figure 13: Switching Time vs. I
C
(T
j=150°C,V GE=15V,VCE=400V,Rg=60Ω
Ω)
Td(off)
Tf
Td(on)
Tr
1
10
100
1,000
10,000
0
100
200
300
400
500
600
R
g (Ω
Ω)
Figure 14: Switching Time vs. R
g
(T
j=150°C,V GE=15V,VCE=400V,IC=5A)
Td(off)
Tf
Td(on)
Tr
1
10
100
1000
0
50
100
150
200
T
J (°C)
Figure 15: Switching Time vs.T
j
( V
GE=15V,VCE=400V,IC=5A,Rg=60Ω
Ω)
Td(off)
Tf
Td(on)
Tr
0
2
4
6
8
10
0
30
60
90
120
150
T
J (°C)
Figure 16: V
GE(TH) vs. Tj
Rev1: Nov 2012
www.aosmd.com
Page 5 of 9


Similar Part No. - AOD5B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD5B65M1 AOSMD-AOD5B65M1 Datasheet
548Kb / 9P
   Very fast and soft recovery freewheeling diode
AOD5B65N1 AOSMD-AOD5B65N1 Datasheet
20Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
More results

Similar Description - AOD5B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB5B60D AOSMD-AOB5B60D Datasheet
598Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOTF5B60D AOSMD-AOTF5B60D Datasheet
659Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOT5B60D AOSMD-AOT5B60D Datasheet
643Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOB15B60D AOSMD-AOB15B60D Datasheet
606Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOK15B60D AOSMD-AOK15B60D Datasheet
663Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOB10B60D AOSMD-AOB10B60D Datasheet
593Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOT10B60D AOSMD-AOT10B60D Datasheet
646Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOTF15B60D AOSMD-AOTF15B60D Datasheet
664Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOK10B60D AOSMD-AOK10B60D Datasheet
651Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOT15B60D AOSMD-AOT15B60D Datasheet
658Kb / 9P
   600V, 15A Alpha IGBT with Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com