Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1101R04C-EZ4X Datasheet(PDF) 2 Page - Anaren Microwave

Part # A1101R04C-EZ4X
Description  EZ4x Module Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

A1101R04C-EZ4X Datasheet(HTML) 2 Page - Anaren Microwave

  A1101R04C-EZ4X Datasheet HTML 1Page - Anaren Microwave A1101R04C-EZ4X Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Anaren, Inc. / 6635 Kirkville Road / East Syracuse, NY 13057
800.411.6596 / http://www.anaren.com / AIR@anaren.com
Pin Diagram
Nomenclature
A
(Anaren)
1 Chip series
(C1101, CC110L, CC2500)
2 Function
(R = radio only)
3 Frequency band
(x100MHz)
4 Form factor
(A = Internal Antenna, C = Connector)
5 Module Type
(EM1 = Eval Module, EZ4x = EZ-430
Module, LPF = BoosterPack)
6 Firmware (EZ4 only)
(A = Access Point, E = End Point,
X = Custom (or no firmware)
1208a
Caution! ESD sensitive device. Precautions
should be used when handling the device in
order to prevent permanent damage.
PLEASE NOTE: Additional information on the Texas Instruments
CC1101 Development Kit can be found in the company’s latest datasheet
release at http://www.ti.com
Battery / USB:
ST1
P3.4 / UCA0TXD / UCA0SIMO
ST2
GND
ST3
RST / SBWTDIO
ST4
TEST / SBWTCK
ST5
VCC (3.6V)
ST6
P3.5 / UCA0RXD / UCA0SOMI
Interface:
P1
GND
P2
VCC
P3
P2.0 / ACLK / A0 / OA0I0
P4
P2.1 / TAINCLK / SMCLK / A1 /A0O
P5
P2.2 / TA0 / A2 / OA0I1
P6
P2.3 / TA1 / A3 / VREF– / VeREF–/ OA1I1 / OA1O
P7
P2.4 / TA2 / A4 / VREF+ / VeREF+/ OA1I0
P8
P4.3 / TB0 / A12 / OA0O
P9
P4.4 / TB1 / A13 / OA1O
P10
P4.5 / TB2 / A14 / OA0I3
P11
P4.6 / TBOUTH / A15 / OA1I3
P12
GND
P13
P2.6 / XIN (GDO0)
P14
P2.7 / XOUT (GDO2)
P15
P3.2 / UCB0SOMI / UCB0SCL
P16
P3.3 / UCB0CLK / UCA0STE
P17
P3.0 / UCB0STE / UCA0CLK / A5
P18
P3.1 / UCB0SIMO / UCB0SDA
EZ4x Connections
To view the entire available family of AIR Modules &
Development options, please visit our website at:
http://www.anaren.com/air
This product is not to be used in any implantable medical device or external
medical device intended to regulate or monitor biological functions, including but
not limited to devices such as pacemakers, defibrillators, cardiac
resynchronization devices, pressure sensors, biochemical stimulators and
neurostimulators. ANAREN MAKES NO WARRANTY OF FITNESS OR
MERCHANTABILITY OF THIS PRODUCT FOR ANY USE OF THIS TYPE.
Anaren shall not be responsible for any consequential damages arising from the
sale or use of this product for any use of this type. The ultimate user of the
product assumes all risk of personal injury or death arising from a prohibited use.


Similar Part No. - A1101R04C-EZ4X

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A1101R04C-EZ4X ANAREN-A1101R04C-EZ4X_0 Datasheet
1,006Kb / 2P
   The A1101R04C-EZ4x is a target board assembly with the Anaren A1101R04C radio module in the industry?셲 smallest package (9 x 12 x 2.5mm) mounted on it.
A1101R04C-EZ4X ANAREN-A1101R04C-EZ4X_14 Datasheet
985Kb / 3P
   The A1101R04C-EZ4x is a high-performance demonstration platform
More results

Similar Description - A1101R04C-EZ4X

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A1101R09C-EZ4X ANAREN-A1101R09C-EZ4X Datasheet
1,007Kb / 2P
   The A1101R09C-EZ4x is a high-performance demonstration platform
A1101R09A-EZ4X ANAREN-A1101R09A-EZ4X Datasheet
842Kb / 2P
   The A1101R09A-EZ4x is a high-performance demonstration platform
A1101R09A-EZ4X ANAREN-A1101R09A-EZ4X_14 Datasheet
821Kb / 3P
   The A1101R09A-EZ4x is a high-performance demonstration platform,
A1101R08A-EZ4X ANAREN-A1101R08A-EZ4X Datasheet
809Kb / 2P
   The A1101R08A-EZ4x is a high-performance demonstration platform
A2500R24A-EZ4X ANAREN-A2500R24A-EZ4X Datasheet
835Kb / 2P
   The A2500R24A-EZ4x is a high-performance demonstration platform
A2500R24C-EZ4X ANAREN-A2500R24C-EZ4X Datasheet
999Kb / 2P
   The A2500R24C-EZ4x is a high-performance demonstration platform
A1101R04C-EZ4X ANAREN-A1101R04C-EZ4X_14 Datasheet
985Kb / 3P
   The A1101R04C-EZ4x is a high-performance demonstration platform
A1101R08C-EZ4X ANAREN-A1101R08C-EZ4X Datasheet
815Kb / 2P
   The A1101R08C-EZ4x is a high-performance demonstration platform,
A1101R08A-EZ4X ANAREN-A1101R08A-EZ4X_14 Datasheet
805Kb / 3P
   The A1101R08A-EZ4x is a high-performance demonstration platform
A1101R09C-EZ4X ANAREN-A1101R09C-EZ4X_14 Datasheet
986Kb / 3P
   The A1101R09C-EZ4x is a high-performance demonstration platform, designed to showcase
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com