Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7395 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7395
Description  3 V, Dual, Serial Input 12-/10-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7395 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7395 Datasheet HTML 4Page - Analog Devices AD7395 Datasheet HTML 5Page - Analog Devices AD7395 Datasheet HTML 6Page - Analog Devices AD7395 Datasheet HTML 7Page - Analog Devices AD7395 Datasheet HTML 8Page - Analog Devices AD7395 Datasheet HTML 9Page - Analog Devices AD7395 Datasheet HTML 10Page - Analog Devices AD7395 Datasheet HTML 11Page - Analog Devices AD7395 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7394/AD7395
–9–
REV. 0
OPERATION
The AD7394 and AD7395 are a set of pin compatible, dual,
12-bit/10-bit digital-to-analog converters. These single-supply
operation devices consume less than 200 microamps of current
while operating from power supplies in the +2.7 V to +5.5 V
range, making them ideal for battery operated applications.
They contain a voltage-switched, 12-bit/10-bit, laser trimmed
digital-to-analog converter, rail-to-rail output op amps, two
DAC registers and a serial input shift register. The external
reference input has constant input resistance independent of the
digital code setting of the DAC. In addition, the reference input
can be tied to the same supply voltage as VDD, resulting in a
maximum output voltage span of 0 to VDD. The serial interface
consists of a serial data input (SDI), clock (CLK) and chip
select pin (
CS) and two load DAC Register pins (LDA and
LDB). A reset (RS) pin is available to reset the DAC register to
zero scale or midscale, depending on the digital level applied to
the MSB pin. This function is useful for power-on reset or
system failure recovery to a known state. Additional power
savings are accomplished by activating the
SHDN pin resulting
in a 1.5
µA maximum consumption sleep mode.
D/A CONVERTER SECTION
The voltage switched R-2R DAC generates an output voltage
dependent on the external reference voltage connected to the
REF pin according to the following equation:
VOUT
=
V REF
× D
2
N
(1)
where D is the decimal data word loaded into the DAC register
and N is the number of bits of DAC resolution. In the case of
the 10-bit AD7395 using a 2.5 V reference, Equation 1 simpli-
fies to:
VOUT
=
2.5
× D
1024
(2)
Using Equation 2 the nominal midscale voltage at VOUT is
1.25 V for D = 512; full-scale voltage is 2.497 V. The LSB step
size is = 2.5
× 1/1024 = 0.0024 V.
For the 12-bit AD7394 operating from a 5.0 V reference Equa-
tion 1 becomes:
VOUT
=
5.0
× D
4096
(3)
Using Equation 3 the AD7394 provides a nominal midscale
voltage of 2.50 V for D = 2048, and a full-scale output of
4.998 V. The LSB step size is = 5.0
× 1/4096 = 0.0012 V.
AMPLIFIER SECTION
The internal DAC’s output is buffered by a low power con-
sumption precision amplifier. The op amp has a 60
µs typical
settling time to 0.1% of full scale. There are slight differences in
settling time for negative slewing signals versus positive. Also,
negative transition settling time to within the last 6 LSBs of zero
volts has an extended settling time. The rail-to-rail output stage
of this amplifier has been designed to provide precision perfor-
mance while operating near either power supply. Figure 20
shows an equivalent output schematic of the rail-to-rail-ampli-
fier with its N-channel pull-down FETs that will pull an output
load directly to GND. The output sourcing current is provided
by a P-channel pull-up device that can source current to GND
terminated loads.
N-CH
VDD
VOUT
AGND
P-CH
Figure 20. Equivalent Analog Output Circuit
The rail-to-rail output stage provides more than
±1 mA of out-
put current. The N-channel output pull-down MOSFET shown
in Figure 20 has a 35
Ω ON resistance, which sets the sink cur-
rent capability near ground. In addition to resistive load driving
capability, the amplifier has also been carefully designed and
characterized for up to 100 pF capacitive load driving capability.
REFERENCE INPUT
The reference input terminal has a constant input resistance
independent of digital code which results in reduced glitches on
the external reference voltage source. The high 2.5 M
Ω input
resistance minimizes power dissipation within the AD7394/
AD7395 D/A converters. The VREF input accepts input voltages
ranging from ground to the positive supply voltage VDD. One of
the simplest applications, which saves an external reference
voltage source, is connection of the VREF terminal to the positive
VDD supply. This connection results in a rail-to-rail voltage
output span maximizing the programmed range. The reference
input will accept ac signals as long as they are kept within the
supply voltage range, 0 < VREF < VDD. The reference bandwidth
and integral nonlinearity error performance are plotted in the
Typical Performance Characteristics section (see Figures 8 and
18). The ratiometric reference feature makes the AD7394/AD7395
an ideal companion to ratiometric analog-to-digital converters
such as the AD7896.


Similar Part No. - AD7395

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7390 AD-AD7390 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390AN AD-AD7390AN Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7390AN AD-AD7390AN Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results

Similar Description - AD7395

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396 Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com