Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K30102B Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # K30102B
Description  High Reliability Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K30102B Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  K30102B Datasheet HTML 1Page - COSMO  Electronics Corporation K30102B Datasheet HTML 2Page - COSMO  Electronics Corporation K30102B Datasheet HTML 3Page - COSMO  Electronics Corporation K30102B Datasheet HTML 4Page - COSMO  Electronics Corporation K30102B Datasheet HTML 5Page - COSMO  Electronics Corporation K30102B Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
DATE:03/19/2012
NO.61P10012
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K3010S
SHEET 5 OF 6
REV.
2
Fig.6
Collector Current vs.
Collector-Emitter Voltage
Fig.7
Relative Current Transfer Ratio
vs. Ambient Temperature
15mA
0
0
10
24
8
6
10mA
5mA
10
20mA
20
I =30mA
F
30
Ta=25°C
-55
0
-25
50
25
50
115
75
IF=1mA
VCE=5V
150
100
0
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8
Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9
Collector-Emitter Saturation
Voltage vs. Forward Current
0
0
- 5 5
4 0
2 0
6 0
8 0
1 0 0 1 1 5
0 . 0 8
0 . 0 4
0 . 0 2
0 . 0 1
0 . 0 3
0 . 0 6
0 . 0 5
0 . 0 7
I c = 1 m A
I
= 2 0 m A
0 . 1
0 . 0 9
F
2
01
0
1
3
34
6
5
I c = 7 m A
5
7
9
1 2
I c = 5 m A
I c = 3 m A
I c = 1 m A
1 5
I c = 0 . 5 m A
T a = 2 5
C
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10
Response Time vs.
Load Resistance
Fig.11
Response Time vs.
Load Resistance
5
2
1
0.2
0.1
0 . 5
0 .03
C
Ta=2 5°
2
0.5
0.1
0.2
1
1 0
5
2 0
tr
Vce= 2V
Ic=2 mA
10 0
5 0
10
10
5
2
1
0.5
0. 2
0.0 3
0.1
C
Ta= 25°
2
0.1
0.2
1
0.5
5
2 0
1 0
10 0
5 0
Ic= 2mA
Vce =2V
tf
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


Similar Part No. - K30102B

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K30102BTLD COSMO-K30102BTLD Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K30102BTRU COSMO-K30102BTRU Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - K30102B

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
   HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
   High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
   High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
   High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
   High Reliability Photocoupler
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
   High Reliability Photocoupler
KPC815S COSMO-KPC815S Datasheet
139Kb / 6P
   High Reliability Photocoupler
KPC4N33L COSMO-KPC4N33L Datasheet
95Kb / 6P
   High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
   High Reliability Photocoupler
KP2210L COSMO-KP2210L Datasheet
121Kb / 6P
   High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com