Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR11-3690 Datasheet(PDF) 1 Page - Allied Components International

Part # AR11-3690
Description  Single Port RJ45 Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AR11-3690 Datasheet(HTML) 1 Page - Allied Components International

  AR11-3690 Datasheet HTML 1Page - Allied Components International AR11-3690 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 02/01/12
P/N
All specifications subject to change without notice.
MECHANICAL
Single Port RJ45 Connector
100/1000 Base-T for Ethernet Applications
Impedance: 100OHMS
RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
Available in other Circuit Designs
Standard Operating Temp: 0ºC to +70ºC
AR11-3690
Optional Gold Plating Thickness
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.1V
Turns Ratio
chip: cable
(±2%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
1-100MHz
1-30MHz
30-60MHz
AR11-3690
350
1CT:1CT
-1.0
-18
-18-20Log(F/30MHz)
60-80MHz
-12
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
CMR
(dB Min)
HI-POT
(Vrms)
10MHz
100MHz
-50
-30
1500
0.5-1MHz
-50
10MHz
100MHz
-47
-30
0.3-1MHz
-50
0.5mA/2Sec.
50MHz
-35
30MHz
-40
30MHz
-42
60MHz
-37
CDMR
(dB Min)
10MHz
100MHz
-50
-40
0.3-1MHz
-50
30MHz
-50
60MHz
-45


Similar Part No. - AR11-3690

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11-3691I ALLIED-AR11-3691I Datasheet
357Kb / 2P
   Single Port RJ45 Connector
AR11-3693 ALLIED-AR11-3693 Datasheet
405Kb / 2P
   Single Port RJ45 Connector
AR11-3695 ALLIED-AR11-3695 Datasheet
455Kb / 2P
   Single Port RJ45 Connector
AR11-3695I ALLIED-AR11-3695I Datasheet
429Kb / 2P
   Single Port RJ45 Connector
More results

Similar Description - AR11-3690

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11-3664 ALLIED-AR11-3664 Datasheet
426Kb / 2P
   Single Port RJ45 Connector
AR11-3686I ALLIED-AR11-3686I Datasheet
412Kb / 2P
   Single Port RJ45 Connector
AR11-3691I ALLIED-AR11-3691I Datasheet
357Kb / 2P
   Single Port RJ45 Connector
AR11-3717 ALLIED-AR11-3717 Datasheet
443Kb / 2P
   Single Port RJ45 Connector
AR11-3725 ALLIED-AR11-3725 Datasheet
550Kb / 2P
   Single Port RJ45 Connector
AR11-3743 ALLIED-AR11-3743 Datasheet
388Kb / 2P
   Single Port RJ45 Connector
AR11-3757I ALLIED-AR11-3757I Datasheet
424Kb / 2P
   Single Port RJ45 Connector
AR11-3716I ALLIED-AR11-3716I Datasheet
548Kb / 2P
   Single Port RJ45 Connector
AR11-3705I ALLIED-AR11-3705I Datasheet
722Kb / 3P
   Single Port RJ45 Connector
AR11-3723 ALLIED-AR11-3723 Datasheet
461Kb / 2P
   Single Port RJ45 Connector
AR11-3786I ALLIED-AR11-3786I Datasheet
467Kb / 2P
   Single Port RJ45 Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com