Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHTA-2009I Datasheet(PDF) 1 Page - Allied Components International

Part # AHTA-2009I
Description  T1/CEPT/ISDN - Primary Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AHTA-2009I Datasheet(HTML) 1 Page - Allied Components International

  AHTA-2009I Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
01/23/12
SCHEMATICS
ALLIED
DATECODE
AHTA-2009I
All specifications subject to change without notice.
MECHANICAL
T1/CEPT/ISDN - Primary Transformer
AHTA-2009I
Cw/w: 35PF Max TX & RX @100KHz, 0.2V
Operating Temp: -40ºC to +85ºC
LL: 0.6µH Max TX & RX @ 100KHz, 0.2V
Primary Pins: TX: 1-3, 6-8
RX: 4-5, 9-10
Polarity: 1-20, 4-17, 6-15, 9-12 In-Phase
Electrical Specifications @ 25°C
Part
Number
OCL(µH Min TX & RX)
@ 100KHz, 100mV
Turns Ratio
chip: cable
(±2%)
With 8mA DC Bias
AHTA-2009I
1200
1:2(TX)/1:1(RX)
HI-POT
(Vrms)
1500
Isolation
Dimensions:inch( mm)
Unless otherwise specified, all tolerances are ±0.010(0.25)
1.000(25.40)
0.395(10.03)
0.268(6.80)
max
0.020
(0.50)
0.300(7.62)
0.118(3.00)
0.900(22.86)
0.100(2.54)


Similar Part No. - AHTA-2009I

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHTA-2001I ALLIED-AHTA-2001I Datasheet
355Kb / 1P
   10/100 Base T Dual Port Transformer
AHTA-2001S ALLIED-AHTA-2001S Datasheet
331Kb / 1P
   10/100 Base T Dual Port Transformer
AHTA-2002S ALLIED-AHTA-2002S Datasheet
338Kb / 1P
   10/100 Base T Dual Port Transformer
AHTA-2003BS ALLIED-AHTA-2003BS Datasheet
447Kb / 1P
   10/100 Base T Dual Port Transformer
AHTA-2004S ALLIED-AHTA-2004S Datasheet
317Kb / 1P
   10/100 Base T Dual Port Transformer
More results

Similar Description - AHTA-2009I

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHTA-1622I ALLIED-AHTA-1622I Datasheet
236Kb / 1P
   T1/CEPT/ISDN - Primary Transformer
AHSC-4009I ALLIED-AHSC-4009I Datasheet
316Kb / 1P
   T1/CEPT/ISDN - Primary Transformer
AHSC-1608S ALLIED-AHSC-1608S Datasheet
289Kb / 1P
   T1/E1/CEPT/ISDN - Primary Transformer
logo
XFMRS Inc.
XF6006-05SM XFMRS-XF6006-05SM Datasheet
43Kb / 1P
   T1/CEPT/ISDN TRANSFORMER
XF6006-05SM XFMRS-XF6006-05SM Datasheet
43Kb / 1P
   T1/CEPT/ISDN TRANSFORMER
logo
Bourns Electronic Solut...
SM74346 BOURNS-SM74346 Datasheet
241Kb / 1P
   T1/CEPT/ISDN Transformer
logo
Allied Components Inter...
ATE-1637 ALLIED-ATE-1637 Datasheet
742Kb / 1P
   T1/CEPT/ISDN Primary Filter Module
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com