Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15007BATT+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15007BATT+
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15007BATT+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15007BATT+ Datasheet HTML 5Page - Maxim Integrated Products MAX15007BATT+ Datasheet HTML 6Page - Maxim Integrated Products MAX15007BATT+ Datasheet HTML 7Page - Maxim Integrated Products MAX15007BATT+ Datasheet HTML 8Page - Maxim Integrated Products MAX15007BATT+ Datasheet HTML 9Page - Maxim Integrated Products MAX15007BATT+ Datasheet HTML 10Page - Maxim Integrated Products MAX15007BATT+ Datasheet HTML 11Page - Maxim Integrated Products MAX15007BATT+ Datasheet HTML 12Page - Maxim Integrated Products MAX15007BATT+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
Maxim Integrated
9
MAX15006/MAX15007
Detailed Description
The MAX15006/MAX15007 high-voltage linear regulators
operate over a 4V to 40V input voltage range. These
devices guarantee 50mA load drive, and offer preset
output voltages of +3.3V (MAX15006A/MAX15007A) or
+5V (MAX15006B/MAX15007B) or an adjustable voltage
output from 1.8V to 10V (MAX15006C/MAX15007C).
Thermal shutdown and short-circuit protection prevent
damage during overtemperature and overcurrent condi-
tions. The MAX15007 includes an enable input (EN)
allowing the regulators to be turned on/off using a logic-
level voltage. Driving EN high turns on the device while
driving EN low places the device in a low-power shut-
down mode. In shutdown, the supply current is reduced
to 3μA (typ). The MAX15006/MAX15007 operate over the
-40°C to +125°C automotive temperature range. All
devices are available in thermally enhanced 6-pin TDFN
and 8-pin SO packages capable of dissipating 1.904W
and 1.860W at TA = +70°C, respectively.
Regulator
The regulator accepts an input voltage from 4V to 40V.
The MAX15006A/MAX15007A have a fixed 3.3V output
voltage while the MAX15006B/MAX15007B offer a fixed
5V output voltage. The MAX15006C/MAX15007C fea-
ture an adjustable voltage output by connecting an
external resistive divider from OUT to FB and to GND
(see the
Output Voltage Setting section).
EN Input (MAX15007 Only)
EN is an active-high, logic-level enable input that turns
the device on or off. Drive EN high to turn the device
on. An internal 0.5μA pulldown current keeps the
MAX15007 in shutdown mode when driven by a three-
state driver in high-impedance mode, or an open-drain
driver. While in shutdown, the device consumes only
3μA (typ). EN withstands voltages up to 40V, allowing it
to be driven by high input level voltages or connected
to IN for always-on operation.
Thermal Protection
When the junction temperature exceeds +165°C, an
internal thermal sensor turns the pass transistor off, and
allows the device to cool. The thermal sensor turns the
pass transistor on again after the junction temperature
cools by 20°C. This results in a cycled output during
continuous thermal-overload conditions. Thermal pro-
tection protects the MAX15006/MAX15007 in the event
of fault conditions. Operation at TJ = +150°C without
going into thermal shutdown is not guaranteed. Use
Figures 3a and 3b to determine the minimum guaran-
teed output current.
Output Short-Circuit Current Limit
The MAX15006/MAX15007 feature a 175mA current
limit. The output can be shorted to GND for an indefinite
period of time without damage to the device. During a
short circuit, the power dissipated across the pass tran-
sistor can quickly heat the device. When the die tem-
perature
reaches
+165°C,
the
MAX15006/
MAX15007 shut down and automatically restart after
the die temperature cools by 20°C.
AMBIENT TEMPERATURE (
°C)
125
120
110 115
90 95 100 105
85
5
10
15
20
25
30
35
40
45
50
55
0
80
130
VIN = 26V, VOUT = 5V
VIN = 18V, VOUT = 5V
VIN = 18V,
VOUT = 3.3V
VIN = 26V, VOUT = 3.3V
Figure 3a. Minimum Output Current vs. Ambient Temperature
(6-Pin TDFN-EP)
AMBIENT TEMPERATURE (
°C)
125
120
110 115
90 95 100 105
85
5
10
15
20
25
30
35
40
45
50
55
0
80
130
VIN = 26V, VOUT = 5V
VIN = 18V, VOUT = 5V
VIN = 18V,
VOUT = 3.3V
VIN = 26V, VOUT = 3.3V
Figure 3b. Minimum Output Current vs. Ambient Temperature
(8-Pin SO-EP)


Similar Part No. - MAX15007BATT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15007BATT++ MAXIM-MAX15007BATT+ Datasheet
313Kb / 15P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 0; 10/06
MAX15007BATT++ MAXIM-MAX15007BATT+ Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
More results

Similar Description - MAX15007BATT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_09 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006 MAXIM-MAX15006_10 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 3; 12/10
MAX15006 MAXIM-MAX15006_11 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
MAX15006_1111 MAXIM-MAX15006_1111 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15006 MAXIM-MAX15006 Datasheet
313Kb / 15P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 0; 10/06
logo
Monolithic Power System...
MPQ2013-AEC1 MPS-MPQ2013-AEC1 Datasheet
509Kb / 13P
   40V, 150mA, Low Quiescent Current Linear Regulator without EN Pin, MPQ2013A-AEC1 with EN Pin
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com