Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX44281VANS+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX44281VANS+T
Description  Ultra-Small, Ultra-Thin, 4-Bump Op Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44281VANS+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX44281VANS+T Datasheet HTML 1Page - Maxim Integrated Products MAX44281VANS+T Datasheet HTML 2Page - Maxim Integrated Products MAX44281VANS+T Datasheet HTML 3Page - Maxim Integrated Products MAX44281VANS+T Datasheet HTML 4Page - Maxim Integrated Products MAX44281VANS+T Datasheet HTML 5Page - Maxim Integrated Products MAX44281VANS+T Datasheet HTML 6Page - Maxim Integrated Products MAX44281VANS+T Datasheet HTML 7Page - Maxim Integrated Products MAX44281VANS+T Datasheet HTML 8Page - Maxim Integrated Products MAX44281VANS+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Maxim Integrated
MAX44281
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, VGND = 0V, RL = 10kI to VDD/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: Guaranteed by design.
Note 3: Guaranteed by gain accuracy specifications.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage High
VOH
ROUT = 10kI
VDD
0.1
V
ROUT = 600I
VDD
0.1
Input Voltage-Noise Density
en
AV = 1V/V, f = 10kHz
15
nV/
√Hz
AV = 2V/V, f = 10kHz
19
AV = 10V/V, f = 10kHz
16
Gain Bandwidth
GBW
15
MHz
Slew Rate
SR
8
V/Fs
Capacitive Load
CLOAD
No sustained oscillations
100
pF
POWER-SUPPLY CHARACTERISTICS
Power-Supply Range
VDD
Guaranteed by
PSRR
TA = -40NC to +125NC
1.8
5.5
V
TA = 0NC to +70NC
1.7
5.5
Power-Supply Rejection Ratio
PSRR
75
100
dB
Supply Current
ICC
VOUT = VDD/2, no load
700
1200
F
A
Shutdown Supply Current
ISHDN
1
F
A
Shutdown Threshold
VIL
0.5
V
Turn-On Time
tON
TA = +25NC
10
20
ms
TA = -40NC to +125NC
10
30


Similar Part No. - MAX44281VANS+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44281VANS+T MAXIM-MAX44281VANS+T Datasheet
864Kb / 11P
   Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
More results

Similar Description - MAX44281VANS+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44281 MAXIM-MAX44281_V01 Datasheet
864Kb / 11P
   Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
MAX44264 MAXIM-MAX44264 Datasheet
289Kb / 10P
   Ultra-Low Power Op Amp in a Tiny 6-Bump WLP
Rev 0; 12/10
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
   Ultra-Low Power Op Amp
02/28/20
logo
List of Unclassifed Man...
SX-4001A ETC-SX-4001A Datasheet
888Kb / 1P
   Ultra-small ultra-thin DC measuting digital panel meter
logo
Micrel Semiconductor
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
   Teeny??Ultra-Low Power Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
   1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
logo
Micrel Semiconductor
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
   Teeny??Ultra Low Power Op Amp
logo
National Semiconductor ...
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com