Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19757ETX+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX19757ETX+
Description  Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19757ETX+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX19757ETX+ Datasheet HTML 3Page - Maxim Integrated Products MAX19757ETX+ Datasheet HTML 4Page - Maxim Integrated Products MAX19757ETX+ Datasheet HTML 5Page - Maxim Integrated Products MAX19757ETX+ Datasheet HTML 6Page - Maxim Integrated Products MAX19757ETX+ Datasheet HTML 7Page - Maxim Integrated Products MAX19757ETX+ Datasheet HTML 8Page - Maxim Integrated Products MAX19757ETX+ Datasheet HTML 9Page - Maxim Integrated Products MAX19757ETX+ Datasheet HTML 10Page - Maxim Integrated Products MAX19757ETX+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
MAX19757
Dual, SiGe, High-Linearity,
1700MHz to 2700MHz Downconversion Mixer with
Advanced Shutdown Features
www.maximintegrated.com
Maxim Integrated │ 7
5V AC Electrical Characteristics (High-Side LO)
(Typical Application Circuit,R1=4.87kΩ,R3=154kΩtoVCC, VCC=4.75Vto5.25V,RFandLOportsaredrivenfrom50Ωsources,
PLO1 = -3dBm to +3dBm, PRF = -5dBm, fRF = 2150MHz, fLO = 2350MHz, fIF = 200MHz, LOSEL = 1, LO_TUNE1 = LO_TUNE2 = 1,
PD1 = PD2 = STBY = 0, TC = -40°C to +105°C. Typical values are at VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 2150MHz,
fLO = 2350MHz, LO_TUNE1 = LO_TUNE2 = 1, fIF = 200MHz, and TC = +25°C.) (Notes 5, 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
GC
7.7
9.2
10.2
dB
TC = +25°C
8.4
9.2
10.1
RF Gain Flatness
Flatness over any 120MHz portion of the RF
band, fIF = 200MHz
0.10
dB
Conversion Gain Flatness
GFREQ
Flatness over a 100MHz RF band,
fIF = 200 ±50MHz
0.4
dB
Gain Variation Over Temperature
TCCG
TC = -40°C to +105°C
-0.010
dB/°C
1σGainDeviation
0.08
dB
Input 1dB Compression Point
IP1dB
(Notes 8, 9)
10.3
12.6
dBm
Output 1dB Compression Point
OP1dB
(Notes 8, 9)
17.0
20.8
dBm
Input 0.1dB Compression Point
IP0.1dB
7.1
dBm
Small-Signal Compression Under
Blocking Conditions
PRF = -5dBm, fBLOCKER = 2155MHz
PBLOCKER = 8dBm (Note 8)
0.4
dB
Input Third-Order Intercept Point
IIP3
fRF1 - fRF2 = 1MHz, PRF = -5dBm/tone
24.7
dBm
Input Third-Order Intercept Point
1σDeviation
IIP3dev
fRF1 - fRF2 = 1MHz, PRF = -5dBm/tone
0.15
dBm
Input Third-Order Intercept Point
Variation Over Temperature
TCIIP3
fRF1 - fRF2 = 1MHz, PRF = -5dBm/tone,
TC = -40°C to +105°C
-0.01
dB/°C
Output Third-Order Intercept
Point
OIP3
fRF1 - fRF2 = 1MHz, PRF = -5dBm/tone
34
dBm
Noise Figure, Single Sideband
NFSSB
No blockers present
10.0
dB
Noise Figure Temperature
Coefficient
TCNF
Single sideband, no blockers present,
TC = -40°C to +105°C
0.017
dB/°C
Noise Figure with Blocker
NFB
PBLOCKER = 8dBm, fBLOCKER = 1950MHz,
fRF = 2050MHz, fLO = 2300MHz,
fIFDESIRED = 250MHz, fIFBLOCKER =
350MHz (Note 11)
18.4
dB
2LO–2RFSpurRejection
2 x 2
fSPUR = fLO -
100MHz
PRF = -10dBm
85
dBc
PRF = -5dBm
80
dBc
3LO–3RFSpurRejection
3 x 3
fSPUR = fLO -
66.667MHz
PRF = -10dBm
85.5
dBc
PRF = -5dBm
75.5
dBc
LO Leakage at RF Port
PLO = 3dBm
-40
dBm
2LO Leakage at RF Port
PLO = 3dBm
-24
dBm
3LO Leakage at RF Port
PLO = 3dBm
-40
dBm
4LO Leakage at RF Port
PLO = 3dBm
-30
dBm
LO Leakage at IF Port
PLO = 3dBm (Note 10)
-25.5
dBm
2LO Leakage at IF Port
PLO = 3dBm
-37
dBm


Similar Part No. - MAX19757ETX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX197 MAXIM-MAX197 Datasheet
199Kb / 14P
   Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1970 MAXIM-MAX1970 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1970-MAX1972 MAXIM-MAX1970-MAX1972 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
More results

Similar Description - MAX19757ETX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
MAX19997A MAXIM-MAX19997A Datasheet
492Kb / 34P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com