Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPFANG+XIS Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # HPFANG+XIS
Description  HP Power Supply Fan Controller DATA SHEET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

HPFANG+XIS Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  HPFANG+XIS Datasheet HTML 1Page - Champion Microelectronic Corp. HPFANG+XIS Datasheet HTML 2Page - Champion Microelectronic Corp. HPFANG+XIS Datasheet HTML 3Page - Champion Microelectronic Corp. HPFANG+XIS Datasheet HTML 4Page - Champion Microelectronic Corp. HPFANG+XIS Datasheet HTML 5Page - Champion Microelectronic Corp. HPFANG+XIS Datasheet HTML 6Page - Champion Microelectronic Corp. HPFANG+XIS Datasheet HTML 7Page - Champion Microelectronic Corp. HPFANG+XIS Datasheet HTML 8Page - Champion Microelectronic Corp. HPFANG+XIS Datasheet HTML 9Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HPFANG+/-
http://www.championmicro.com.tw
HP Power Supply Fan Controller DATA SHEET
2013/01/17 Rev. 1.2
Champion Microelectronic Corporation
4
ELECTRICAL CHARACTERISTICS:
Unless otherwise stated, these specifications apply Vcc=+12V, CVREF = 0.1uF, TA=Operating Temperature Range
(Note1)
HPFANG+/-
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Supply
VCC
Input Voltage Range
8
12
15
V
VCC
Operating Current
12V, CL = 0
0.45
mA
Voltage Error Amplifier Output (TEAO)
Input Voltage Range
0
3
V
TFB
Feedback Reference Voltage TEAO = TFB, TA = 25℃,
2.475
2.5
2.525
V
Input Bias Current
Note 2, Note 3
-1.0
-0.05
μ A
Output High Voltage
TA = 25℃, ITEAOSOURCING=1mA
4.0
V
Output Low Voltage
TA = 25℃, ITEAOSINKING=1mA
0.65
1
V
Output Sourcing Current
TEAO = TFB,TA = 25℃, ITEAOSOURCING=1mA
2.475
2.5
2.525
V
Output Sinking Current
TEAO = TFB,TA = 25℃, ITEAOSINKING=1mA
2.475
2.5
2.525
V
Open Loop Gain
DC gain
110
dB
Power Supply Rejection Ratio 10V < VCC < 12V
135
dB
FANPWMOUT Duty vs TEAO voltage
TEAO~1.5V
10V < VCC < 12V, TA = 25℃, TEAO=1.5V
1.5
5
%
TEAO~2.5V
10V < VCC < 12V, TA = 25℃, TEAO=2.5V
50
%
TEAO~3.5V
10V < VCC < 12V, TA = 25℃, TEAO=3.5V
100
%
Reference
VREF
Output Voltage
TA = 25℃, I(VREF) = 0mA
4.95
5
5.05
V
Line Regulation
10V < VCC < 12V @ T=25℃
10
25
mV
Load Regulation
VCC=12V, 0mA < I(VREF)< 3mA; TA=25℃
15
mV
Load Regulation
VCC=12V, 0mA< I(VREF)< 3mA;
TA=-40℃~85℃
30
50
mV
Temperature Stability
0.4
%
Total Variation
Line, Load, Temp
4.95
5.05
V
Long Term Stability
TJ = 125℃, 1000HRs
5
25
mV


Similar Part No. - HPFANG+XIS

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HPF COOPER-HPF Datasheet
55Kb / 1P
   Panel-Mount Fuseholder with Screw-type Knob
logo
Samtec, Inc
HPF SAMTEC-HPF Datasheet
561Kb / 2P
   FLEXIBLE POWER SYSTEMS
HPF-03-01-T-S SAMTEC-HPF-03-01-T-S Datasheet
510Kb / 1P
   POWER SOCKETS
HPF-10-02-T-S SAMTEC-HPF-10-02-T-S Datasheet
510Kb / 1P
   POWER SOCKETS
HPF-18-01-T-S SAMTEC-HPF-18-01-T-S Datasheet
510Kb / 1P
   POWER SOCKETS
More results

Similar Description - HPFANG+XIS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
List of Unclassifed Man...
PTK8607 ETC-PTK8607 Datasheet
361Kb / 25P
   8 Bit Micro-controller Data Sheet
logo
Microchip Technology
MXG3141 MICROCHIP-MXG3141 Datasheet
1Mb / 41P
   MXG3141 3D Gesture Controller Data Sheet
2021
logo
Princeton Technology Co...
PT2125 PTC-PT2125 Datasheet
253Kb / 5P
   FAN CONTROLLER?
logo
List of Unclassifed Man...
SD308 ETC-SD308 Datasheet
2Mb / 7P
   Fan Controller
SD7005 ETC-SD7005 Datasheet
1Mb / 7P
   FAN CONTROLLER
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
List of Unclassifed Man...
SD306 ETC-SD306 Datasheet
1Mb / 7P
   FAN CONTROLLER
logo
Princeton Technology Co...
PT2126 PTC-PT2126 Datasheet
167Kb / 4P
   FAN CONTROLLER?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com