Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK44D600-LLP Datasheet(PDF) 7 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK44D600-LLP
Description  Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK44D600-LLP Datasheet(HTML) 7 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK44D600-LLP Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D600-LLP Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D600-LLP Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D600-LLP Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D600-LLP Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D600-LLP Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D600-LLP Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D600-LLP Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D600-LLP Datasheet HTML 9Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PAGE 7 ACCUTEKMICRO.COM 3/2012 (CSP07)
AK44D600-LLP
55.88 mm
15.24 mm
LEADLESS LEADFRAME PACKAGE
(7 X 7mm) (10pin x 12pin)
TO 44 PIN 0.600" DIP
3.37 mm
2.73 mm
2.54 mm
0.50 mm
6.83 mm
5.82 mm
AK48D600-QFN/MLP 7X7
7MM-48 PIN QFN/MLP 0.5MM PITCH TO 0.600" DIP
15.24 mm
60.96 mm
3.18 mm
2.03 mm
2.54 mm
0.50 mm
7.79 mm
6.21 mm
17.78 mm
AK40D600-QFN/MLP 6X6
6MM-40 PIN QFN/MLP 0.5MM PITCH TO 0.600" DIP
15.24 mm
50.80 mm
2.54 mm
0.50 mm
6.79 mm
5.21 mm
17.78 mm
3.18 mm
2.03 mm


Similar Part No. - AK44D600-LLP

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK44D600-QFP ACCUTEK-AK44D600-QFP Datasheet
633Kb / 4P
   44 Pin DIP Adapters
AK44D600-QFP.5MM7X7 ACCUTEK-AK44D600-QFP.5MM7X7 Datasheet
252Kb / 6P
   36 Pin to 44 Pin DIP Adapters
AK44D600-QFP.65MM ACCUTEK-AK44D600-QFP.65MM Datasheet
252Kb / 6P
   36 Pin to 44 Pin DIP Adapters
AK44D600-QFP.8MM10X10 ACCUTEK-AK44D600-QFP.8MM10X10 Datasheet
252Kb / 6P
   36 Pin to 44 Pin DIP Adapters
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
   44 Pin DIP Adapters
More results

Similar Description - AK44D600-LLP

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-LLP3X3 ACCUTEK-AK08D300-LLP3X3_12 Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, LCC DIP Adapters
logo
M/A-COM Technology Solu...
S2083 MA-COM-S2083 Datasheet
1Mb / 14P
   Surface Mount Instructions for QFN / DFN Packages
logo
Analog Devices
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
Lumileds Lighting Compa...
PB117 LUMILEDS-PB117 Datasheet
1Mb / 2P
   Chip-scale packages for maximum design flexibility
DS117 LUMILEDS-DS117 Datasheet
2Mb / 21P
   Chip-scale packages for maximum design flexibility
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
   28 Pin DIP Adapters
AK48D600-TSSOP ACCUTEK-AK48D600-TSSOP_13 Datasheet
550Kb / 4P
   48 Pin DIP Adapters
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
   44 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com