Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73311LARS Datasheet(PDF) 7 Page - Analog Devices

Part # AD73311LARS
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73311LARS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD73311LARS Datasheet HTML 3Page - Analog Devices AD73311LARS Datasheet HTML 4Page - Analog Devices AD73311LARS Datasheet HTML 5Page - Analog Devices AD73311LARS Datasheet HTML 6Page - Analog Devices AD73311LARS Datasheet HTML 7Page - Analog Devices AD73311LARS Datasheet HTML 8Page - Analog Devices AD73311LARS Datasheet HTML 9Page - Analog Devices AD73311LARS Datasheet HTML 10Page - Analog Devices AD73311LARS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
REV. A
AD73311L
–7–
PIN FUNCTION DESCRIPTIONS
Pin
Number
Mnemonic
Function
1
VOUTP
Analog Output from the Positive Terminal of the Output Channel.
2
VOUTN
Analog Output from the Negative Terminal of the Output Channel.
3
AVDD1
Analog Power Supply Connection for the Output Driver.
4
AGND1
Analog Ground Connection for the Output Driver.
5
VINP
Analog Input to the Positive Terminal of the Input Channel.
6
VINN
Analog Input to the Negative Terminal of the Input Channel.
7
REFOUT
Buffered Reference Output, which has a nominal value of 1.2 V.
8
REFCAP
A Bypass Capacitor to AGND2 of 0.1
µF is required for the on-chip reference. The capacitor should
be fixed to this pin.
9
AVDD2
Analog Power Supply Connection.
10
AGND2
Analog Ground/Substrate Connection.
11
DGND
Digital Ground/Substrate Connection.
12
DVDD
Digital Power Supply Connection.
13
RESET
Active Low Reset Signal. This input resets the entire chip, resetting the control registers and clearing
the digital circuitry.
14
SCLK
Output Serial Clock whose rate determines the serial transfer rate to/from the codec. It is used to clock
data or control information to and from the serial port (SPORT). The frequency of SCLK is equal to
the frequency of the master clock (MCLK) divided by an integer number—this integer number being
the product of the external master clock rate divider and the serial clock rate divider.
15
MCLK
Master Clock Input. MCLK is driven from an external clock signal.
16
SDO
Serial Data Output of the Codec. Both data and control information may be output on this pin and are
clocked on the positive edge of SCLK. SDO is in three-state when no information is being transmitted
and when SE is low.
17
SDOFS
Framing Signal Output for SDO Serial Transfers. The frame sync is on bit wide and is active one
SCLK period before the first bit (MSB) of each output word. SDOFS is referenced to the positive
edge of SCLK. SDOFS is in three-state when SE is low.
18
SDIFS
Framing Signal Input for SDI Serial Transfers. The frame sync is one bit wide and is valid one
SCLK period before the first bit (MSB) of each input word. SDIFS is sampled on the negative edge of
SCLK and ignored when SE is low.
19
SDI
Serial Data Input of the Codec. Both data and control information may be input on this pin and are
clocked on the negative edge of SCLK. SDI is ignored when SE is low.
20
SE
SPORT Enable. Asynchronous input enable pin for the SPORT. When SE is set low by the DSP, the
output pins of the SPORT are three-stated and the input pins are ignored. SCLK is also disabled
internally in order to decrease power dissipation. When SE is brought high, the control and data regis-
ters of the SPORT are at their original values (before SE was brought low); however, the timing
counters and other internal registers are at their reset values.


Similar Part No. - AD73311LARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311LARS AD-AD73311LARS Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
More results

Similar Description - AD73311LARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com