Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14588 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14588
Description  1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14588 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14588 Datasheet HTML 3Page - Maxim Integrated Products MAX14588 Datasheet HTML 4Page - Maxim Integrated Products MAX14588 Datasheet HTML 5Page - Maxim Integrated Products MAX14588 Datasheet HTML 6Page - Maxim Integrated Products MAX14588 Datasheet HTML 7Page - Maxim Integrated Products MAX14588 Datasheet HTML 8Page - Maxim Integrated Products MAX14588 Datasheet HTML 9Page - Maxim Integrated Products MAX14588 Datasheet HTML 10Page - Maxim Integrated Products MAX14588 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MAX14588
1A Adjustable Overcurrent and Overvoltage
Protector with High Accuracy
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics (continued)
(CIN = 1µF, COUT = 1µF, TA = +25°C, unless otherwise noted.)
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (ºC)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
110
95
80
65
50
35
20
5
-10
-25
-40
125
VIN = 12V
VIN = 32V
VIN = 24V
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (ºC)
110
95
80
65
50
35
20
5
-10
-25
2
4
6
8
10
12
0
-40
125
VIN = 12V
VIN = 32V
VIN = 24V
SWITCH TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (ºC)
5
10
15
20
25
30
35
40
45
50
0
110
95
80
65
50
35
20
5
-10
-25
-40
125
VIN = 24V
RL = 24
NORMALIZED CURRENT LIMIT
vs. SUPPLY VOLTAGE
IN VOLTAGE (V)
30
20
10
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
0.95
040
RSETI = 12k
SHUTDOWN FORWARD CURRENT
vs. TEMPERATURE
TEMPERATURE (ºC)
110
95
80
65
50
35
20
5
-10
-25
0.1
0.2
0.3
0.4
0.5
0
-40
125
VIN = 12V
VIN = 24V
VIN = 32V
CURRENT LIMIT vs. RSETI
RSETI (k )
60
40
20
0.2
0.4
0.6
0.8
1.0
1.2
0
080
VIN = 24V
POWER-UP RESPONSE
MAX14588 toc12
VIN
10V/div
VOUT
10V/div
20ms/div
NORMALIZED CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (ºC)
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
0.95
110
95
80
65
50
35
20
5
-10
-25
-40
125
VIN = 24V
SWITCH DEBOUNCE TIME
vs. TEMPERATURE
TEMPERATURE (ºC)
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
15.0
110
95
80
65
50
35
20
5
-10
-25
-40
125
VIN = 24V
RL = 24


Similar Part No. - MAX14588

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
   4.5V to 36V Operating Voltage Range
Rev 0; 5/13
More results

Similar Description - MAX14588

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
2008
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
logo
Maxim Integrated Produc...
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
logo
Linear Technology
LTC4362-1 LINER-LTC4362-1 Datasheet
295Kb / 12P
   1.2A Overvoltage/ Overcurrent Protector
LTC4362-1 LINER-LTC4362-1_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
LTC4362-2 LINER-LTC4362-2_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com