Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14573EUD+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14573EUD+T
Description  Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14573EUD+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14573EUD+T Datasheet HTML 2Page - Maxim Integrated Products MAX14573EUD+T Datasheet HTML 3Page - Maxim Integrated Products MAX14573EUD+T Datasheet HTML 4Page - Maxim Integrated Products MAX14573EUD+T Datasheet HTML 5Page - Maxim Integrated Products MAX14573EUD+T Datasheet HTML 6Page - Maxim Integrated Products MAX14573EUD+T Datasheet HTML 7Page - Maxim Integrated Products MAX14573EUD+T Datasheet HTML 8Page - Maxim Integrated Products MAX14573EUD+T Datasheet HTML 9Page - Maxim Integrated Products MAX14573EUD+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Maxim Integrated
Adjustable Overvoltage and Overcurrent
Protectors with High Accuracy
MAX14571/MAX14572/MAX14573
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
Figure 4. Debounce Timing
Timing Diagrams (continued)
IN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
35
30
20
25
15
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
540
SETI UNCONNECTED
TA = +85°C
TA = -40°C
TA = +25°C
IN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.1
0.2
VIN = +24V
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
85
SETI UNCONNECTED
NORMALIZED ON-RESISTANCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
21
18
15
0.8
0.9
1.0
1.1
1.2
1.3
0.7
12
24
TA = -40°C
TA = +25°C
TA = +85°C
IOUT = 100mA
VIN
SWITCH
STATUS
UVLO
THRESHOLD
ON
OFF
< tDEB
< tDEB
tDEB
NOTE: TIME NOT IN SCALE


Similar Part No. - MAX14573EUD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14573EUD+T MAXIM-MAX14573EUD+T Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
More results

Similar Description - MAX14573EUD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
2008
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
logo
Anpec Electronics Corop...
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
   High-Current Overvoltage Protectors with Adjustable OVLO
logo
Maxim Integrated Produc...
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
   High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com