Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14571 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14571
Description  Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14571 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14571_13 Datasheet HTML 1Page - Maxim Integrated Products MAX14571_13 Datasheet HTML 2Page - Maxim Integrated Products MAX14571_13 Datasheet HTML 3Page - Maxim Integrated Products MAX14571_13 Datasheet HTML 4Page - Maxim Integrated Products MAX14571_13 Datasheet HTML 5Page - Maxim Integrated Products MAX14571_13 Datasheet HTML 6Page - Maxim Integrated Products MAX14571_13 Datasheet HTML 7Page - Maxim Integrated Products MAX14571_13 Datasheet HTML 8Page - Maxim Integrated Products MAX14571_13 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Maxim Integrated
Adjustable Overvoltage and Overcurrent
Protectors with High Accuracy
MAX14571/MAX14572/MAX14573
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
IN, HVEN ................................................................-40V to +40V
IN to OUT ...............................................................-40V to +40V
OUT ......................................................................-0.3V to +40V
OVLO, UVLO, FLAG, EN, RIEN............................-0.3V to +6.0V
Current into IN (DC Operating) (Note 1).............. ………….4.2A
SETI .......................... ………….-0.3V to Min (VIN, 1.22V) + 0.3V
Continuous Power Dissipation (TA = +70NC)
TSSOP (derate 25.6mW/NC above +70NC)........ ….2051.3mW
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature ........................................………..+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................. …………+300NC
Soldering Temperature (reflow) ....................... …………+260NC
ELECTRICAL CHARACTERISTICS
(
VIN = 4.5V to 36V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VIN = 24V, RISET = 12kI, TA = +25°C.) (Note 3)
ABSOLUTE MAXIMUM RATINGS
PACKAGE THERMAL CHARACTERISTICS (Note 2)
Note 1: DC current is also limited by the thermal design of the system.
TSSOP
Junction-to-Ambient Thermal Resistance (BJA) ........... +39NC/W
Junction-to-Case Thermal Resistance (BJC).................. +3NC/W
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN Voltage Range
VIN
4.5
36
V
Shutdown Input Current
ISHDN
VEN = 0V, VHVEN = 5V
15
F
A
Shutdown Output Current
IOFF
VOUT = 0V
2
F
A
Reverse Input Current
IIN_RVS
VIN = -40V, VOUT = VGND = 0V
-35
F
A
Supply Current
IIN
VIN = 15V, RISET = 12kI
490
700
F
A
Internal Overvoltage Trip Level
VOVLO
VIN rising
32
33
34
V
VIN falling
32
Internal Undervoltage Trip Level
VUVLO
VIN falling
17.5
18.5
19.5
V
VIN rising
18.2
19.2
20.2
Overvoltage-Lockout Hysteresis
% of typical OVLO
3
%
External OVLO Adjustment Range
(Note 4)
6
36
V
External OVLO Select Voltage
VOVLOSEL
0.3
0.50
V
External OVLO Leakage Current
IOVLO_LEAK VOVLO < 1.2V (Note 5)
-100
+100
nA
External UVLO Adjustment Range
4.5
24
V
External UVLO Select Voltage
VOVLOSEL
0.3
0.50
V
External UVLO Leakage Current
IUVLO_LEAK (Note 5)
-100
+100
nA
BG Reference Voltage
VBG
1.186
1.210
1.234
V


Similar Part No. - MAX14571_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14571EUD+T MAXIM-MAX14571EUD+T Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14571EUD/V+T MAXIM-MAX14571EUD/V+T Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14571EVKIT MAXIM-MAX14571EVKIT Datasheet
605Kb / 11P
   6V to 36V Operating Voltage Range
Rev 0; 8/13
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
More results

Similar Description - MAX14571_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
2008
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
logo
Anpec Electronics Corop...
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
   High-Current Overvoltage Protectors with Adjustable OVLO
logo
Maxim Integrated Produc...
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
   High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com