Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11160 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11160
Description  16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11160 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11160 Datasheet HTML 6Page - Maxim Integrated Products MAX11160 Datasheet HTML 7Page - Maxim Integrated Products MAX11160 Datasheet HTML 8Page - Maxim Integrated Products MAX11160 Datasheet HTML 9Page - Maxim Integrated Products MAX11160 Datasheet HTML 10Page - Maxim Integrated Products MAX11160 Datasheet HTML 11Page - Maxim Integrated Products MAX11160 Datasheet HTML 12Page - Maxim Integrated Products MAX11160 Datasheet HTML 13Page - Maxim Integrated Products MAX11160 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Maxim Integrated │ 10
MAX11166/MAX11167
16-Bit, 500ksps/250ksps, ±5V SAR ADCs
with Internal Reference in TDFN
www.maximintegrated.com
Typical Operating Characteristics—MAX11166 (continued)
3.0
5.0
4.0
7.0
6.0
8.0
2.0
TEMPERATURE (°C)
60
35
10
-15
-40
85
VDD SUPPLY CURRENT
vs. TEMPERATURE
fSAMPLE = 500ksps
VDD = 5.0V
VOVDD = 3.3V
REF MODE 0 AND 1
REF MODE 2 AND 3
OVDD SUPPLY CURRENT
vs. OVDD SUPPLY VOLTAGE
VOVDD (V)
4.75
4.25
3.75
3.25
2.75
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2.25
5.25
TA = +25°C
VDD = 5.0V
CDOUT = 65pF
500ksps
10ksps
VDD (V)
5.15
5.05
4.95
4.85
3
4
5
6
7
8
2
4.75
5.25
VDD SUPPLY CURRENT
vs. VDD SUPPLY VOLTAGE
fSAMPLE = 500ksps
TA = +25°C
VOVDD = 3.3V
REF MODE 0 AND 1
REF MODE 2 AND 3
ANALOG AND DIGITAL SHUTDOWN
CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
1
2
3
4
6
5
7
8
0
-40
85
IVDD
IOVDD
VDD = 5.0V
VOVDD = 3.3V
OVDD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
0
-40
85
500ksps
10ksps
VDD = 5.0V
VOVDD = 3.3V
CDOUT = 65pF
VDD AND OVDD SHUTDOWN
CURRENT vs. SUPPY VOLTAGE
VDD OR VOVDD (V)
4.75
4.25
2.75
3.25
3.75
1
2
3
4
5
6
7
8
0
2.25
5.25
IVDD
IOVDD
TA = +25°C


Similar Part No. - MAX11160

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11160 MAXIM-MAX11160 Datasheet
865Kb / 26P
   500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
MAX11160 MAXIM-MAX11160 Datasheet
6Mb / 33P
   High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
Rev 0; 5/15
MAX11160 MAXIM-MAX11160 Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11160EUB++ MAXIM-MAX11160EUB+ Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11160EUB+T MAXIM-MAX11160EUB+T Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
More results

Similar Description - MAX11160

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11164 MAXIM-MAX11164 Datasheet
1,010Kb / 28P
   16-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11167 MAXIM-MAX11167 Datasheet
997Kb / 28P
   16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11166 MAXIM-MAX11166_V01 Datasheet
1Mb / 28P
   16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11165 MAXIM-MAX11165 Datasheet
934Kb / 28P
   Bit, 250ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11154 MAXIM-MAX11154 Datasheet
1Mb / 28P
   18-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11156 MAXIM-MAX11156 Datasheet
3Mb / 27P
   18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
Rev 0; 3/13
MAX11156 MAXIM-MAX11156_V01 Datasheet
948Kb / 27P
   18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11161 MAXIM-MAX11161 Datasheet
792Kb / 26P
   16-Bit, 250ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11160 MAXIM-MAX11160 Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11150 MAXIM-MAX11150 Datasheet
853Kb / 26P
   18-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com