Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9995ETX+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9995ETX+
Description  Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9995ETX+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9995ETX+ Datasheet HTML 1Page - Maxim Integrated Products MAX9995ETX+ Datasheet HTML 2Page - Maxim Integrated Products MAX9995ETX+ Datasheet HTML 3Page - Maxim Integrated Products MAX9995ETX+ Datasheet HTML 4Page - Maxim Integrated Products MAX9995ETX+ Datasheet HTML 5Page - Maxim Integrated Products MAX9995ETX+ Datasheet HTML 6Page - Maxim Integrated Products MAX9995ETX+ Datasheet HTML 7Page - Maxim Integrated Products MAX9995ETX+ Datasheet HTML 8Page - Maxim Integrated Products MAX9995ETX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MAX9995
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz
Downconversion Mixer with LO Buffer/Switch
4
Maxim Integrated
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
2100
2000
1900
1800
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
3.0
1700
2200
TC = -20
°C
TC = +85
°C
TC = +25
°C
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
2100
2000
1900
1800
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
5.5
1700
2200
PLO = -3dBm, 0dBm, +3dBm
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
2100
2000
1900
1800
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
5.5
1700
2200
VCC = 4.75V
VCC = 5.0V
VCC = 5.25V
Typical Operating Characteristics
(
Typical Application Circuit, VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, LO is low-side injected for a 200MHz IF, TC = +25°C.)
Note 5: Operation outside this frequency band is possible but has not been characterized. See the
Typical Operating Characteristics.
Note 6: Guaranteed by design and characterization.
Note 7: All limits reflect losses of external components. Output measurements taken at IF outputs of
Typical Application Circuit.
Note 8: Production tested.
Note 9: Two tones 3MHz spacing, -5dBm per tone at RF port.
Note 10: Measured at IF port at IF frequency. fLO1 and fLO2 are offset by 1MHz.
Note 11: IF return loss can be optimized by external matching components.
AC ELECTRICAL CHARACTERISTICS—fRF = 2540MHz
(
Typical Application Circuit, RF and LO ports are driven from 50
Ω sources, fRF > fLO, VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, fRF =
2540MHz, fLO = 2400MHz, fIF = 140MHz, TC = +25°C, unless otherwise noted.) (Note 7)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Return Loss
14
dB
LO port selected
18
LO Return Loss
LO port unselected
21
dB
IF Return Loss
LO driven at 0dBm, RF terminated into 50
Ω
(Note 11)
21
dB
Conversion Gain
GC
5.2
dB
Input Third-Order Intercept Point
IIP3
Two tones: fRF1 = 2540MHz, fRF2 = 2541MHz,
PRF = -5dBm/tone
24.6
dBm
PRF = -10dBm
58
2RF - 2LO Spurious Response
2 x 2
PRF = -5dBm
63
dBc
PRF = -10dBm
72
3RF - 3LO Spurious Response
3 x 3
PRF = -5dBm
82
dBc
LO Leakage at IF Port
-45
dBm
RF-to-IF Isolation
49
dB
Channel-to-Channel Isolation
PRF = -10dBm, RFMAIN (RFDIV) power
measured at IFDIV (IFMAIN), relative to IFMAIN
(IFDIV), all unused ports terminated at 50
Ω
48
dB


Similar Part No. - MAX9995ETX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995ETX MAXIM-MAX9995ETX Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9995ETX MAXIM-MAX9995ETX Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX9995ETX-D MAXIM-MAX9995ETX-D Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9995ETX-T MAXIM-MAX9995ETX-T Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9995ETX-TD MAXIM-MAX9995ETX-TD Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
More results

Similar Description - MAX9995ETX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com