Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9995 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9995
Description  Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9995 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9995_13 Datasheet HTML 1Page - Maxim Integrated Products MAX9995_13 Datasheet HTML 2Page - Maxim Integrated Products MAX9995_13 Datasheet HTML 3Page - Maxim Integrated Products MAX9995_13 Datasheet HTML 4Page - Maxim Integrated Products MAX9995_13 Datasheet HTML 5Page - Maxim Integrated Products MAX9995_13 Datasheet HTML 6Page - Maxim Integrated Products MAX9995_13 Datasheet HTML 7Page - Maxim Integrated Products MAX9995_13 Datasheet HTML 8Page - Maxim Integrated Products MAX9995_13 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MAX9995
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz
Downconversion Mixer with LO Buffer/Switch
5
Maxim Integrated
INPUT IP3 vs. RF FREQUENCY
24.8
25.2
25.6
26.0
26.4
26.8
24.4
RF FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
TC = +85
°C
TC = -20
°C
TC = +25
°C
PRF = -5dBm/TONE
2RF - 2LO vs. FUNDAMENTAL FREQUENCY
35
40
45
50
55
60
65
70
75
30
FUNDAMENTAL FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
TC = +85
°C
TC = +25
°C
TC = -20
°C
PRF = -5dBm
25.4
25.6
25.8
26.0
26.2
26.4
26.6
25.2
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
PLO = 0dBm
PLO = +3dBm
PLO = -3dBm
PRF = -5dBm/TONE
INPUT IP3 vs. RF FREQUENCY
25.0
25.4
25.8
26.2
26.6
27.0
24.6
RF FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
VCC = 5.25V
VCC = 4.75V
VCC = 5.0V
PRF = -5dBm/TONE
52
54
56
58
62
60
64
66
50
2RF - 2LO vs. FUNDAMENTAL FREQUENCY
FUNDAMENTAL FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
PLO = -3dBm
PLO = +3dBm
PLO = 0dBm
PRF = -5dBm
52
54
56
58
62
60
64
66
50
2RF - 2LO vs. FUNDAMENTAL FREQUENCY
FUNDAMENTAL FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
VCC = 4.75V
VCC = 5.0V
VCC = 5.25V
PRF = -5dBm
Typical Operating Characteristics (continued)
(
Typical Application Circuit, VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, LO is low-side injected for a 200MHz IF, TC = +25°C.)
72
74
76
78
80
82
84
86
88
90
70
3RF - 3LO vs. FUNDAMENTAL FREQUENCY
FUNDAMENTAL FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
TC = -20
°C
TC = +25
°C
TC = +85
°C
PRF = -5dBm
74
76
78
80
84
82
86
88
72
3RF - 3LO vs. FUNDAMENTAL FREQUENCY
FUNDAMENTAL FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
PRF = -5dBm
74
76
78
80
84
82
86
88
72
3RF - 3LO vs. FUNDAMENTAL FREQUENCY
FUNDAMENTAL FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
VCC = 5.0V
VCC = 5.25V
VCC = 4.75V
PRF = -5dBm


Similar Part No. - MAX9995_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
More results

Similar Description - MAX9995_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com