Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

05482.R8.02 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 05482.R8.02
Description  60쨘C 150 Volt UL Type CL2
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

05482.R8.02 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  05482.R8.02 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
26
Plastic Cord
Cord & Cordset
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
.5
0
0
50
100
150
200
250
300
350
400
450
500
VOLTAGE DROP PER (1) AMP
BASED ON 115 VOLTS
LENGTH OF RUN (FEET)
APPROXIMATE VOLTAGE DROP/AMP AT 68ºF
18
AW
G
16
AW
G
Product Construction:
Conductors:
• 20and18AWGannealedsolidbare
copper per ASTM B-3
Insulation:
• Premium-grade,color-codedPVC
• Colorcode:Seechartbelow
Jacket:
• Polyvinylchloride(PVC),white
• Temperaturerange:-20ºCto+60ºC
Jacket Marking:
• CAROLAWGTYPECL2E#(UL)60ºC
SUNLIGHTRESISTANT-MADEINUSA
Applications:
• Thermostatcontrol
• Heatingandairconditioninginstallations
• Touch-platesystems
• Burglaralarms
• Intercomsystems
• Doorbells
• Annunciatorandbellsystems
• Remotecontrolunits
• Signalsystems
• Otherlow-voltageinstallations
Industry Approvals:
• ULListedTypeCL2
Packaging:
• 4-through10-conductoravailableon
250'(76.2m)spools
• 2-and3-conductoravailableon
500'(152.4m)spools
• Otherput-upsavailableonspecialorder
20 AWG THERMOSTAT WIRE — 150 VOLT — UL TYPE CL2
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D.
APPROX.
NET WEIGHT
LBS/M'(S)
STD.
CTN.
INCHES
mm
INCHES
mm
05482
2
20
Solid
0.008
0.203
0.126
3.20
11
1000'
05483
3
20
Solid
0.008
0.203
0.133
3.38
16
1000'
05484
4
20
Solid
0.008
0.203
0.142
3.61
19
500'
05485
5
20
Solid
0.008
0.203
0.160
4.06
24
500'
05486
6
20
Solid
0.008
0.203
0.175
4.45
27
500'
05487
7
20
Solid
0.008
0.203
0.175
4.45
31
500'
05488
8
20
Solid
0.008
0.203
0.189
4.80
35
500'
05489*
9
20
Solid
0.008
0.203
0.204
5.18
40
500'
05481*
10
20
Solid
0.008
0.203
0.222
5.64
45
250'
18 AWG THERMOSTAT WIRE — 150 VOLT — UL TYPE CL2
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D.
APPROX.
NET WEIGHT
LBS/M'(S)
STD.
CTN.
INCHES
mm
INCHES
mm
05582
2
18
Solid
0.008
0.203
0.142
3.61
16
1000'
05583
3
18
Solid
0.008
0.203
0.150
3.81
22
1000'
05584
4
18
Solid
0.008
0.203
0.165
4.19
28
500'
05585
5
18
Solid
0.008
0.203
0.181
4.60
36
500'
05586
6
18
Solid
0.008
0.203
0.208
5.28
42
500'
05587
7
18
Solid
0.008
0.203
0.208
5.28
48
500'
05588
8
18
Solid
0.008
0.203
0.225
5.72
54
500'
05589*
9
18
Solid
0.008
0.203
0.243
6.17
61
500'
05581
10
18
Solid
0.008
0.203
0.264
6.71
69
250'
(S)
Actual shipping weight may vary.
COLOR CODE CHART
NO. OF
CONDUCTORS
COLOR
2
White,Red
3
White,Red,Green
4
White,Red,Green,Blue
5
White,Red,Green,Blue,Yellow
6
White,Red,Green,Blue,Yellow,Brown
7
White,Red,Green,Blue,Yellow,Brown,Orange
8
White,Red,Green,Blue,Yellow,Brown,Orange,Black
9
White,Red,Green,Blue,Yellow,Brown,Orange,Black,Purple
10
White,Red,Green,Blue,Yellow,Brown,Orange,Black,Purple,Gray
Thermostat Wire
60ºC 150 Volt UL Type CL2


Similar Part No. - 05482.R8.02

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
05482 GENERAL-05482 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
More results

Similar Description - 05482.R8.02

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
05484.R5.02 GENERAL-05484.R5.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
05485.R5.02 GENERAL-05485.R5.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
05481.R5.02 GENERAL-05481.R5.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
05483.R8.02 GENERAL-05483.R8.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
05486.R5.02 GENERAL-05486.R5.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
01302.15.01 GENERAL-01302.15.01 Datasheet
65Kb / 1P
   60쨘C 300 Volt UL /CSA Portable Cord
01366.38T.01 GENERAL-01366.38T.01 Datasheet
65Kb / 1P
   60쨘C 300 Volt UL /CSA Portable Cord
05095.15.08 GENERAL-05095.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
03702.35.10 GENERAL-03702.35.10 Datasheet
63Kb / 1P
   Bus Drop Cable 60쨘C 600 Volt UL Listed
05092.15.08 GENERAL-05092.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com