Electronic Components Datasheet Search |
|
051529-0014 Datasheet(PDF) 1 Page - ITT Industries |
|
051529-0014 Datasheet(HTML) 1 Page - ITT Industries |
|
1 / 1 page Datasheet for part number 051529-0014 Our Catalog Part Number: DEMM-9S-E Our Global Manufacturing Part Number: 051529-0014 Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M Product Datasheet General D*M High reliable D-Sub Connectors Wire Gauge Range AWG AWG 20-28 Mating Cycles 500 Contact Arrangement 9 contacts size 20 Dielectric Withstanding Voltage 1000 VAC at sea level Current Rating 7.5 A max Contact Resistance 7.5 milli Ohm max Operating Temperature -55°/+150° Salt Spray Test 48 hours {96 Hrs for Stainless Steel} Shell Material steel Shell Finish Yellow chromate over zinc Insulator Material Thermoplastic, type PCT UL 94V-0 Insulator Color black Gender Socket Contact Type Straight PCB Contact Material copper alloy Contact Finish gold over nickel (Performance Class 2) Hardware .120'' (3,05mm) Through Hole Specifications and dimensions subject to change. Page 1 of 1 |
Similar Part No. - 051529-0014 |
|
Similar Description - 051529-0014 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |