Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7226TQ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7226TQ
Description  LC2MOS Quad 8-Bit D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7226TQ Datasheet(HTML) 5 Page - Analog Devices

  AD7226TQ Datasheet HTML 1Page - Analog Devices AD7226TQ Datasheet HTML 2Page - Analog Devices AD7226TQ Datasheet HTML 3Page - Analog Devices AD7226TQ Datasheet HTML 4Page - Analog Devices AD7226TQ Datasheet HTML 5Page - Analog Devices AD7226TQ Datasheet HTML 6Page - Analog Devices AD7226TQ Datasheet HTML 7Page - Analog Devices AD7226TQ Datasheet HTML 8Page - Analog Devices AD7226TQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7226
REV. A
–5–
CIRCUIT INFORMATION
D/A SECTION
The AD7226 contains four, identical, 8-bit, voltage mode
digital-to-analog converters. The output voltages from the con-
verters have the same polarity as the reference voltage allowing
single supply operation. A novel DAC switch pair arrangement
on the AD7226 allows a reference voltage range from +2 V to
+12.5 V.
Each DAC consists of a highly stable, thin-film, R-2R ladder
and eight high speed NMOS, single-pole, double-throw
switches. The simplified circuit diagram for one channel is
shown in Figure 1. Note that VREF (Pin 4) and AGND (Pin 5)
are common to all four DACs.
Figure 1. D/A Simplified Circuit Diagram
The input impedance at the VREF pin of the AD7226 is the par-
allel combination of the four individual DAC reference input
impedances. It is code dependent and can vary from 2 k
Ω to in-
finity. The lowest input impedance (i.e., 2 k
Ω) occurs when all
four DACs are loaded with the digital code 01010101. There-
fore, it is important that the reference presents a low output im-
pedance under changing load conditions. The nodal capacitance
at the reference terminals is also code dependent and typically
varies from 100 pF to 250 pF.
Each VOUT pin can be considered as a digitally programmable
voltage source with an output voltage of:
VOUTX = DX VREF
where DX is fractional representation of the digital input code
and can vary from 0 to 255/256.
The source impedance is the output resistance of the buffer
amplifier.
OP AMP SECTION
Each voltage-mode D/A converter output is buffered by a unity
gain, noninverting CMOS amplifier. This buffer amplifier is
capable of developing +10 V across a 2 k
Ω load and can drive
capacitive loads of 3300 pF. The output stage of this amplifier
consists of a bipolar transistor from the VDD line and a current
load to the VSS, the negative supply for the output amplifiers.
This output stage is shown in Figure 2.
The NPN transistor supplies the required output current drive
(up to 5 mA). The current load consists of NMOS transistors
which normally act as a constant current sink of 400
µA to V
SS,
giving each output a current sink capability of approximately
400
µA if required.
The AD7226 can be operated single or dual supply resulting
in different performance in some parameters from the output
amplifiers.
In single supply operation (VSS = 0 V = AGND), with the out-
put approaching AGND (i.e., digital code approaching all 0s)
Figure 2. Amplifier Output Stage
the current load ceases to act as a current sink and begins to act
as a resistive load of approximately 2 k
Ω to AGND. This occurs
as the NMOS transistors come out of saturation. This means
that, in single supply operation, the sink capability of the ampli-
fiers is reduced when the output voltage is at or near AGND. A
typical plot of the variation of current sink capability with out-
put voltage is shown in Figure 3.
Figure 3. Variation of ISINK with VOUT
If the full sink capability is required with output voltages at or
near AGND (=0 V), then VSS can be brought below 0 V by 5 V
and thereby maintain the 400
µA current sink as indicated in
Figure 3. Biasing VSS below 0 V also gives additional headroom
in the output amplifier which allows for better zero code error
performance on each output. Also improved is the slew-rate
and negative-going settling-time of the amplifiers (discussed
later).
Each amplifier offset is laser trimmed during manufacture to
eliminate any requirement for offset nulling.
DIGITAL SECTION
The digital inputs of the AD7226 are both TTL and CMOS
(5 V) compatible from VDD = +11.4 V to +16.5 V. All logic in-
puts are static protected MOS gates with typical input currents
of less than 1 nA. Internal input protection is achieved by an
on-chip distributed diode from DGND to each MOS gate. To
minimize power supply currents, it is recommended that the
digital input voltages be driven as close to the supply rails (VDD
and DGND) as practically possible.


Similar Part No. - AD7226TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7226 AD-AD7226 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226BCHIPS AD-AD7226BCHIPS Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226BCHIPS AD-AD7226BCHIPS Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226BQ AD-AD7226BQ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226BQ AD-AD7226BQ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

Similar Description - AD7226TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com