Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8891EXK28+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8891EXK28+T
Description  High PSRR, Low-Dropout, 150mA Linear Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8891EXK28+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8891EXK28+T Datasheet HTML 1Page - Maxim Integrated Products MAX8891EXK28+T Datasheet HTML 2Page - Maxim Integrated Products MAX8891EXK28+T Datasheet HTML 3Page - Maxim Integrated Products MAX8891EXK28+T Datasheet HTML 4Page - Maxim Integrated Products MAX8891EXK28+T Datasheet HTML 5Page - Maxim Integrated Products MAX8891EXK28+T Datasheet HTML 6Page - Maxim Integrated Products MAX8891EXK28+T Datasheet HTML 7Page - Maxim Integrated Products MAX8891EXK28+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
High PSRR, Low-Dropout, 150mA
Linear Regulators
LOAD TRANSIENT RESPONSE
dl/dt = 0.5mA/
μs
MAX8891/2 toc10
200
μs/div
VIN = 3.5V
ILOAD
25mA/div
VIN
10mV/div
VOUT
10mV/div
50mA
dl/dt = 0.5mA/
μs
10mA
10mA
LOAD TRANSIENT RESPONSE
dl/dt = 5mA/
μs
MAX8891/2 toc11
20
μs/div
VIN = 3.5V
ILOAD
25mA/div
VIN
10mV/div
VOUT
10mV/div
50mA
dl/dt = 0.5mA/
μs
10mA
10mA
LOAD TRANSIENT RESPONSE
dl/dt = 20mA/
μs
MAX8891/2 toc12
4
μs/div
VIN = 3.5V
ILOAD
25mA/div
VIN
10mV/div
VOUT
10mV/div
50mA
dl/dt = 20mA/
μs
10mA
10mA
STARTUP WAVEFORM
MAX8891/2 toc13
10
μs/div
VIN = 3.5V
RLOAD = 30
Ω
VSHDN
2V/div
VOUT
500mV/div
ON
OFF
SHUTDOWN WAVEFORM
MAX8891/2 toc14
40
μs/div
VIN = 3.5V
RLOAD = 30
Ω
VOUT
500mV/div
VSHDN
2V/div
ON
OFF
4
Maxim Integrated
MAX8891/MAX8892
LINE TRANSIENT RESPONSE
dv/dt = 500mV/
μs
MAX8891/2 toc15
40
μs/div
RLOAD = 30
Ω
VIN
500mV/div
VOUT
10mV/div
3.5V
dv/dt = 500mV/
μs
4V
4V
LINE TRANSIENT RESPONSE
dv/dt = 200mV/
μs
MAX8891/2 toc16
40
μs/div
RLOAD = 30
Ω
VIN
1V/div
VOUT
10mV/div
3.5V
dv/dt = 200mV/
μs
5V
5V
REGION OF STABLE COUT ESR
vs. LOAD CURRENT
LOAD CURRENT (mA)
75
100
25
125
50
0.1
1
10
100
0.01
0
150
STABLE REGION
Typical Operating Characteristics (continued)
(VIN = VOUT + 0.5V, CIN = 1µF, COUT = 1µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8891EXK28+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8891EXKxy+T MAXIM-MAX8891EXKxy+T Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results

Similar Description - MAX8891EXK28+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com