Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6650EUB+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6650EUB+
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6650EUB+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6650EUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX6650EUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX6650EUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX6650EUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX6650EUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX6650EUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX6650EUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX6650EUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX6650EUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
2
Maxim Integrated
MAX6650/MAX6651
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C and VCC = 5V.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
FB, TACH_ ..........................................................-0.3V to +13.2V
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Output Voltages..........................................-0.3V to (VCC + 0.3V)
Maximum Current
Into VCC, GND, VOUT ...................................................100mA
Into All Other Pins ..........................................................50mA
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 5.6mW/°C above +70°C) .....................444mW
QSOP (derate 8.3mW/°C above +70°C) .....................667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free..............................................................+260°C
Containing lead(Pb) ....................................................+240°C
Input Low Voltage
Input Hysteresis
VHYS
200
mV
Tachometer Threshold
VTACH_
VFB + 1.0
VFB +3
V
12V fan, 0 < VFB < 9V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Output Source Current
ISOURCE
50
mA
Output Sink Current
ISINK
10
mA
Output Voltage Range
VOUT
0.3
VCC - 0.3
V
VFB + 0.5
VFB +1.5
Tachometer Input Impedance
RTACH_
70
100
150
k
Ω
Supply Voltage
VCC
3.0
5.5
V
Supply Current
ICC
10
mA
DAC Differential Nonlinearity
5
LSB
Useful DAC Resolution
8
bits
Feedback Input Impedance
RFB
70
100
150
k
Ω
Output Sink Current
IGPIO_
10
mA
CONDITIONS
Guaranteed monotonicity on FB (Note 1)
VOUT = VCC - 1.8V
Measured at FB (Note 1)
VOUT = 0.5V
IOUT = ±100µA
5V fan, 0 < VFB < 4.5V
0 < VFB < 9V
0 < VTACH < 9V
VGPIO_ = 0.4V
Full-on mode, IOUT = 0
V
0.8
VIL(GPIO_)
Input High Voltage
V
2
VCC
≤ 3.6V
VIH(GPIO_)
3
VCC > 3.6V
Pullup Resistor
RGPIO_
100
k
Ω
TACHOMETER INPUTS (TACH_)
FEEDBACK (FB)
GENERAL-PURPOSE INPUTS/OUTPUTS (GPIO_) (Note 2)
POWER SUPPLY (VCC)
OUTPUT (OUT)


Similar Part No. - MAX6650EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6650EUB++ MAXIM-MAX6650EUB+ Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results

Similar Description - MAX6650EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556_02 Datasheet
108Kb / 13P
   Octal SMBus and I2C registered interface
2002 Mar 28
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
ON Semiconductor
NCT7491RQR2G ONSEMI-NCT7491RQR2G Datasheet
850Kb / 80P
   Remote Thermal Monitor and Fan Controller with PECI 3.0 Interface and SMBus Compatible Master
October, 2013 ??Rev. 1
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
[Old version datasheet]   high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com