Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4618EPE+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4618EPE+T
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4618EPE+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4618EPE+T Datasheet HTML 1Page - Maxim Integrated Products MAX4618EPE+T Datasheet HTML 2Page - Maxim Integrated Products MAX4618EPE+T Datasheet HTML 3Page - Maxim Integrated Products MAX4618EPE+T Datasheet HTML 4Page - Maxim Integrated Products MAX4618EPE+T Datasheet HTML 5Page - Maxim Integrated Products MAX4618EPE+T Datasheet HTML 6Page - Maxim Integrated Products MAX4618EPE+T Datasheet HTML 7Page - Maxim Integrated Products MAX4618EPE+T Datasheet HTML 8Page - Maxim Integrated Products MAX4618EPE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MAX4617/MAX4618/MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
5
Maxim Integrated
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
ΔRON = RON(MAX) - RON(MIN).
Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified
analog signal ranges; i.e., VX_, VY_, VZ_ = 3V to 0 and 0 to -3V.
Note 5: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and guaranteed by correlation at TA = +25°C.
Note 6: Guaranteed by design, not production tested.
ELECTRICAL CHARACTERISTICS—Single +2.5V Supply
(VCC = +2.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
CONDITIONS
MIN
TYP
MAX UNITS
SYMBOL
PARAMETER
C, E
100
30
60
VCC = 2.5V; IX, IY, IZ = 10mA;
VX, VY, VZ = 1.2V
Ω
TA = +25°C
RON
Switch On-Resistance
12
VX_, VY_, VZ_ = 1V; RL = 300
Ω;
CL = 35pF; Figure 3
ns
TA = +25°C
tON
Enable Turn-On Time
(Note 6)
10
VX_, VY_, VZ_ = 1V; RL = 300
Ω;
CL = 35pF; Figure 3
ns
TA = +25°C
tOFF
Enable Turn-Off Time
(Note 6)
12
VX_, VY_, VZ_ = 1V; RL = 300
Ω;
CL = 35pF; Figure 3
ns
TA = +25°C
tTRANS
Address Transition
Time (Note 6)
SWITCH DYNAMIC CHARACTERISTICS
ANALOG SWITCH


Similar Part No. - MAX4618EPE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4618EPE MAXIM-MAX4618EPE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results

Similar Description - MAX4618EPE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com