Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4253EBC+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4253EBC+T
Description  UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4253EBC+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4253EBC+T Datasheet HTML 1Page - Maxim Integrated Products MAX4253EBC+T Datasheet HTML 2Page - Maxim Integrated Products MAX4253EBC+T Datasheet HTML 3Page - Maxim Integrated Products MAX4253EBC+T Datasheet HTML 4Page - Maxim Integrated Products MAX4253EBC+T Datasheet HTML 5Page - Maxim Integrated Products MAX4253EBC+T Datasheet HTML 6Page - Maxim Integrated Products MAX4253EBC+T Datasheet HTML 7Page - Maxim Integrated Products MAX4253EBC+T Datasheet HTML 8Page - Maxim Integrated Products MAX4253EBC+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MAX4249–MAX4257
UCSP, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
General Description
The MAX4249–MAX4257 low-noise, low-distortion oper-
ational amplifiers offer rail-to-rail outputs and single-
supply operation down to 2.4V. They draw 400µA of
quiescent supply current per amplifier while featuring
ultra-low distortion (0.0002% THD), as well as low input
voltage-noise density (7.9nV/!Hz) and low input
current-noise density (0.5fA/!Hz). These features make
the devices an ideal choice for portable/battery-powered
applications that require low distortion and/or low noise.
For additional power conservation, the MAX4249/
MAX4251/MAX4253/MAX4256 offer a low-power shut-
down mode that reduces supply current to 0.5µA and
puts the amplifiers’ outputs into a high-impedance
state. The MAX4249-MAX4257’s outputs swing rail-to-
rail and their input common-mode voltage range
includes ground. The MAX4250–MAX4254 are unity-
gain stable with a gain-bandwidth product of 3MHz.
The MAX4249/MAX4255/MAX4256/MAX4257 are inter-
nally compensated for gains of 10V/V or greater with a
gain-bandwidth product of 22MHz. The single MAX4250/
MAX4255 are available in space-saving 5-pin SOT23
packages. The MAX4252 is available in an 8-bump chip-
scale package (UCSP™) and the MAX4253 is available in
a 10-bump UCSP. The MAX4250AAUK comes in a 5-pin
SOT23 package and is specified for operation over the
automotive (-40°C to +125°C) temperature range.
Applications
Wireless Communications Devices
PA Control
Portable/Battery-Powered Equipment
Medical Instrumentation
ADC Buffers
Digital Scales/Strain Gauges
Features
o Available in Space-Saving UCSP, SOT23, and
MAX® Packages
o Low Distortion: 0.0002% THD (1k" load)
o 400 A Quiescent Supply Current per Amplifier
o Single-Supply Operation from 2.4V to 5.5V
o Input Common-Mode Voltage Range Includes
Ground
o Outputs Swing Within 8mV of Rails with a 10k"
Load
o 3MHz GBW Product, Unity-Gain Stable
(MAX4250–MAX4254)
22MHz GBW Product, Stable with AV # 10V/V
(MAX4249/MAX4255/MAX4256/MAX4257)
o Excellent DC Characteristics
VOS = 70 V
IBIAS = 1pA
Large-Signal Voltage Gain = 116dB
o Low-Power Shutdown Mode
Reduces Supply Current to 0.5 A
Places Outputs in a High-Impedance State
o 400pF Capacitive-Load Handling Capability
19-1295; Rev 9; 12/12
Ordering Information continued at end of data sheet.
Selector Guide appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
UCSP is a trademark and µMAX is a registered trademark of Maxim Integrated Products, Inc.
A
B
C
1
2
3
OUTA
VDD
OUTB
INA-
INB-
INB+
VSS
INA+
MAX4252
OUTA
VDD
OUTB
INA-
INB-
INA+
INB+
VSS
SHDNA
SHDNB
MAX4253
C1
B1
A1
A2
A3
A4
B4
C2
C3
C4
TOP VIEW
(BUMPS ON BOTTOM)
UCSP
UCSP
Pin/Bump Configurations continued at end of data sheet.
Pin/Bump Configurations
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4249ESD+
-40°C to +85°C
14 SO
MAX4249EUB+
-40°C to +85°C
10 µMAX
MAX4250EUK+T
-40°C to +85°C
5 SOT23
ACCI
MAX4250AAUK+T
-40°C to +125°C
5 SOT23
AEYJ
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.


Similar Part No. - MAX4253EBC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4253 MAXIM-MAX4253 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4253 MAXIM-MAX4253 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
More results

Similar Description - MAX4253EBC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com