Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8891 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8891
Description  High PSRR, Low-Dropout, 150mA Linear Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8891 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8891_13 Datasheet HTML 1Page - Maxim Integrated Products MAX8891_13 Datasheet HTML 2Page - Maxim Integrated Products MAX8891_13 Datasheet HTML 3Page - Maxim Integrated Products MAX8891_13 Datasheet HTML 4Page - Maxim Integrated Products MAX8891_13 Datasheet HTML 5Page - Maxim Integrated Products MAX8891_13 Datasheet HTML 6Page - Maxim Integrated Products MAX8891_13 Datasheet HTML 7Page - Maxim Integrated Products MAX8891_13 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX8891/MAX8892 low-dropout (LDO) linear regu-
lators are designed to deliver up to 150mA continuous
output current. These regulators achieve a low 120mV
dropout for 120mA load current.
The MAX8891 only requires an input/output capacitor,
hence achieving the smallest PCB area. The
MAX8892’s output voltage can be adjusted with an
external divider.
The MAX8891 is preset to a variety of voltages in the
1.5V to 4.5V range. Designed with a p-channel
MOSFET series pass transistor, the MAX8891/MAX8892
maintain very low ground current (40µA).
The regulators are designed and optimized to work with
low-value, low-cost ceramic capacitors. The MAX8891/
MAX8892 require only 1µF (typ) of output capacitance
for stability with any load. When disabled, current con-
sumption drops to below 1µA.
These regulators are available in a tiny 5-pin SC70
package.
Applications
Cellular and Cordless Phones
PDA and Palmtop Computers
Base Stations
Bluetooth Portable Radios and Accessories
Wireless LANs
Digital Cameras
Personal Stereos
Portable and Battery-Powered Equipment
Features
♦ Space-Saving SC70 Package
♦ 65dB PSRR at 10kHz
♦ 120mV Dropout at 120mA Load
♦ Stable with 1µF Ceramic Capacitor for Any Load
♦ Guaranteed 150mA Output
♦ Only Need Input and Output Capacitors (MAX8891)
♦ Output Voltages: 1.5V, 1.8V, 2.5V, 2.6V, 2.7V, 2.8V,
2.85V, 3V, 3.3V, 4.5V (MAX8891) and Adjustable
(MAX8892)
♦ Low 40µA Ground Current
♦ Excellent Load/Line Transient
♦ Overcurrent and Thermal Protection
High PSRR, Low-Dropout, 150mA
Linear Regulators
MAX8891/MAX8892
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
GND
N.C. (MAX8891)
FB (MAX8892)
SHDN
1
2
3
5
4
OUT
IN
MAX8891/
MAX8892
SC70
+
TOP VIEW
Pin Configuration
MAX8891
OUTPUT PRESET
1.5V TO 4.5V
IN
INPUT
2V TO 6V
OFF
SHDN
COUT = 1
μF
CIN = 1
μF
OUT
ON
GND
MAX8892
OUTPUT ADJUSTABLE
1.5V TO 4.5V
IN
INPUT
2V TO 6V
OFF
SHDN
R1
R2
COUT = 1
μF
CIN = 1
μF
OUT
ON
FB
GND
Typical Operating Circuits
Ordering Information
19-4537; Rev 1; 12/11
*
xy is the output voltage code (see Output Voltage Selector
Guide). Other versions between 1.5V and 4.5V are available in
100mV increments. Contact factory for other versions.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
PART*
TEMP RANGE
PIN-PACKAGE
MAX8891EXKxy+T
-40°C to +85°C
5 SC70
MAX8891EXKxy/V+T
-40°C to +85°C
5 SC70
MAX8892EXK+T
-40°C to +85°C
5 SC70
Output Voltage Selector Guide appears at end of data sheet.


Similar Part No. - MAX8891_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8891EXKxy+T MAXIM-MAX8891EXKxy+T Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results

Similar Description - MAX8891_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com