Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6650 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6650
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6650 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6650_12 Datasheet HTML 4Page - Maxim Integrated Products MAX6650_12 Datasheet HTML 5Page - Maxim Integrated Products MAX6650_12 Datasheet HTML 6Page - Maxim Integrated Products MAX6650_12 Datasheet HTML 7Page - Maxim Integrated Products MAX6650_12 Datasheet HTML 8Page - Maxim Integrated Products MAX6650_12 Datasheet HTML 9Page - Maxim Integrated Products MAX6650_12 Datasheet HTML 10Page - Maxim Integrated Products MAX6650_12 Datasheet HTML 11Page - Maxim Integrated Products MAX6650_12 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
8
Maxim Integrated
MAX6650/MAX6651
SMBCLK
AB
C
D
E
FG
H
I
J
K
SMBDATA
tSU:STA
tHD:STA
tLOW
tHIGH
tSU:DAT
tHD:DAT
tSU:STO tBUF
A = START CONDITION
B = MSB OF ADDRESS CLOCKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W BIT CLOCKED INTO SLAVE
E = SLAVE PULLS SMBDATA LINE LOW
L
M
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO SLAVE
H = LSB OF DATA CLOCKED INTO SLAVE
I = SLAVE PULLS SMBDATA LINE LOW
J = ACKNOWLEDGE CLOCKED INTO MASTER
K = ACKNOWLEDGE CLOCK PULSE
L = STOP CONDITION, DATA EXECUTED BY SLAVE
M = NEW START CONDITION
SMBCLK
A = START CONDITION
B = MSB OF ADDRESS CLOCKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W BIT CLOCKED INTO SLAVE
AB
C
D
E
FG
H
I
J
SMBDATA
tSU:STA tHD:STA
tLOW
tHIGH
tSU:DAT
tSU:STO
tBUF
K
E = SLAVE PULLS SMBDATA LINE LOW
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO MASTER
H = LSB OF DATA CLOCKED INTO MASTER
I = ACKNOWLEDGE CLOCK PULSE
J = STOP CONDITION
K = NEW START CONDITION
Figure 3. SMBus Write Timing Diagram
Figure 4. SMBus Read Timing Diagram
Command-Byte Functions
The 8-bit Command-Byte Register (Table 2) is the mas-
ter index that points to the various other registers within
MAX6650/MAX6651. The register’s power-on reset
(POR) state is 0000 0000, so that a receive-byte trans-
mission (a protocol that lacks the command byte)
occurring immediately after POR returns the current
speed setting.
Fan-Speed Register
In closed-loop mode, the MAX6650/MAX6651 use the
Fan-Speed Register to set the period of the tachometer
signal that controls the fan speed. The Fan-Speed
Register is ignored in all other modes of operation. The
MAX6650/MAX6651 regulate the fan speed by forcing
the tachometer period (tTACH) equal to the scaled reg-
ister value. One revolution of the fan generates two
tachometer pulses, so the required Fan-Speed Register
value (KTACH) may be calculated as:
tTACH = 1 / (2 x Fan Speed)
KTACH = [tTACH x KSCALE x (fCLK / 128)] - 1
where the fan speed is in rotations per second (RPS),
tTACH is the period of the tachometer signal, fCLK is the
internal oscillator frequency (254kHz ±10%), and
KSCALE is the prescaler value (see Configuration-Byte
Register). Since the fan speed is inversely proportional
to the tachometer period, the Fan-Speed Register value
(KTACH) does not linearly control the fan speed (Table
3). Select the prescaler value so the fan’s full speed is
achieved with a register value of approximately 64
(0100 0000) to optimize speed range and resolution.
The MAX6651 may be controlled by an external oscilla-


Similar Part No. - MAX6650_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results

Similar Description - MAX6650_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556_02 Datasheet
108Kb / 13P
   Octal SMBus and I2C registered interface
2002 Mar 28
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
ON Semiconductor
NCT7491RQR2G ONSEMI-NCT7491RQR2G Datasheet
850Kb / 80P
   Remote Thermal Monitor and Fan Controller with PECI 3.0 Interface and SMBus Compatible Master
October, 2013 ??Rev. 1
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
[Old version datasheet]   high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com