Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6620ATI+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6620ATI+
Description  Quad Linear Fan-Speed Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6620ATI+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6620ATI+ Datasheet HTML 1Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 2Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 3Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 4Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 5Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 6Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 7Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 8Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MAX6620
Quad Linear Fan-Speed Controller
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40°C to +125°C, VCC = 3.0V to 5.5V, unless otherwise noted. Typical values are at TA = +25°C, VCC = 3.3V.) (Note 3)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Using 32.768kHz crystal, test at 850RPM
-1
+1
Fan Control Accuracy (Note 4)
Using on-chip oscillator
-3
+3
%
XTAL Oscillator Startup Time
2s
X1 Input Threshold
0.7
V
VCC
2
POR Threshold
VFAN
3.5
V
LOGIC (SDA, SCL,
FAN_FAIL, WD_START, TACH_)
Input High Voltage
VIH
VCC x
0.7
V
Input Low Voltage
VIL
VCC x
0.3
V
Input High Current
IIH
1.0
µA
Input Low Current
IIL
-1.0
µA
Input Capacitance
All digital inputs
6
pF
Output High Current
100
µA
Output Low Voltage
IOL = 3mA
0.4
V
LOGIC (DAC_START, SPIN_START, ADDR)
Input High Voltage
VIH
VCC -
0.5
V
Input Low Voltage
VIL
0.5
V
Input High Current
IIH
1.0
µA
Input Low Current
IIL
-1.0
µA
Input Capacitance
All digital inputs
6
pF
I2C-COMPATIBLE TIMING (Notes 5, 6)
Serial Clock Frequency
fSCL
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
START Condition Hold Time
tHD:STA
0.6
µs
STOP Condition Setup Time
tSU:STO
600
ns
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
START Condition Setup Time
tSU:STA
600
ns
Data Setup Time
tSU:DAT
100
ns
Data Out Hold Time
tDH
100
ns
Data In Hold Time
tHD:DAT
(Note 6)
0
0.9
µs
Maximum Receive SCL/SDA Rise
Time
tR
(Note 8)
300
ns
Minimum Receive SCL/SDA Rise
Time
tR
(Note 7)
20 + 0.1
x CB
ns


Similar Part No. - MAX6620ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6620ATI++ MAXIM-MAX6620ATI+ Datasheet
281Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 1; 1/13
More results

Similar Description - MAX6620ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6620 MAXIM-MAX6620 Datasheet
355Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 0; 3/08
MAX6620 MAXIM-MAX6620_14 Datasheet
281Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 1; 1/13
logo
Global Mixed-mode Techn...
G762 GMT-G762 Datasheet
309Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G764 GMT-G764 Datasheet
32Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G761 GMT-G761 Datasheet
47Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
   Fan Speed Controller
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
   FAN SPEED CONTROLLER
R2_0215
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
   Fan Speed PWM Controller
logo
Anachip Corp
AP438 ANACHIP-AP438 Datasheet
153Kb / 8P
   PWM Fan Speed Controller
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
   Fan Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com